Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74ACT163M Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD74ACT163M
Description  4-BIT SYNCHRONOUS BINARY COUNTERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74ACT163M Datasheet(HTML) 1 Page - Texas Instruments

  CD74ACT163M Datasheet HTML 1Page - Texas Instruments CD74ACT163M Datasheet HTML 2Page - Texas Instruments CD74ACT163M Datasheet HTML 3Page - Texas Instruments CD74ACT163M Datasheet HTML 4Page - Texas Instruments CD74ACT163M Datasheet HTML 5Page - Texas Instruments CD74ACT163M Datasheet HTML 6Page - Texas Instruments CD74ACT163M Datasheet HTML 7Page - Texas Instruments CD74ACT163M Datasheet HTML 8Page - Texas Instruments CD74ACT163M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
CD54ACT163, CD74ACT163
4-BIT SYNCHRONOUS BINARY COUNTERS
SCHS300B – APRIL 2000 – REVISED MARCH 2003
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Inputs Are TTL-Voltage Compatible
D Internal Look-Ahead for Fast Counting
D Carry Output for n-Bit Cascading
D Synchronous Counting
D Synchronously Programmable
description/ordering information
The ’ACT163 devices are 4-bit binary counters.
These synchronous, presettable counters feature
an internal carry look-ahead for application in
high-speed
counting
designs.
Synchronous
operation is provided by having all flip-flops
clocked simultaneously so that the outputs change, coincident with each other, when instructed by the
count-enable (ENP, ENT) inputs and internal gating. This mode of operation eliminates the output counting
spikes normally associated with synchronous (ripple-clock) counters. A buffered clock (CLK) input triggers the
four flip-flops on the rising (positive-going) edge of the clock waveform.
The counters are fully programmable; that is, they can be preset to any number between 0 and 9 or 15.
Presetting is synchronous; therefore, setting up a low level at the load input disables the counter and causes
the outputs to agree with the setup data after the next clock pulse, regardless of the levels of the enable inputs.
The clear function is synchronous. A low level at the clear (CLR) input sets all four of the flip-flop outputs low
after the next low-to-high transition of CLK, regardless of the levels of the enable inputs. This synchronous clear
allows the count length to be modified easily by decoding the Q outputs for the maximum count desired. The
active-low output of the gate used for decoding is connected to CLR to synchronously clear the counter to 0000
(LLLL).
The carry look-ahead circuitry provides for cascading counters for n-bit synchronous applications without
additional gating. ENP, ENT, and a ripple-carry output (RCO) are instrumental in accomplishing this function.
Both ENP and ENT must be high to count, and ENT is fed forward to enable RCO. Enabling RCO produces a
high-level pulse while the count is maximum (9 or 15, with QA high). This high-level overflow ripple-carry pulse
can be used to enable successive cascaded stages. Transitions at ENP or ENT are allowed, regardless of the
level of CLK.
These devices feature a fully independent clock circuit. Changes at control inputs (ENP, ENT, or LOAD) that
modify the operating mode have no effect on the contents of the counter until clocking occurs. The function of
the counter (whether enabled, disabled, loading, or counting) is dictated solely by the conditions meeting the
stable setup and hold times.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP – E
Tube
CD74ACT163E
CD74ACT163E
55
°Cto125°C
SOIC
M
Tube
CD74ACT163M
ACT163M
–55
°C to 125°C
SOIC – M
Tape and reel
CD74ACT163M96
ACT163M
CDIP – F
Tube
CD54ACT163F3A
CD54ACT163F3A
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CLR
CLK
A
B
C
D
ENP
GND
VCC
RCO
QA
QB
QC
QD
ENT
LOAD
CD54ACT163 ...F PACKAGE
CD74ACT163 ...E OR M PACKAGE
(TOP VIEW)
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - CD74ACT163M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74ACT163M TI-CD74ACT163M Datasheet
142Kb / 10P
CD54ACT161 CD74ACT161
CD74ACT163M TI2-CD74ACT163M Datasheet
462Kb / 18P
4-BIT SYNCHRONOUS BINARY COUNTERS
REVISED MARCH 2003
CD74ACT163M96 TI2-CD74ACT163M96 Datasheet
462Kb / 18P
4-BIT SYNCHRONOUS BINARY COUNTERS
REVISED MARCH 2003
CD74ACT163M96.A TI2-CD74ACT163M96.A Datasheet
462Kb / 18P
4-BIT SYNCHRONOUS BINARY COUNTERS
REVISED MARCH 2003
CD74ACT163M96E4 TI2-CD74ACT163M96E4 Datasheet
462Kb / 18P
4-BIT SYNCHRONOUS BINARY COUNTERS
REVISED MARCH 2003
More results

Similar Description - CD74ACT163M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS161A NSC-54LS161A Datasheet
210Kb / 12P
Synchronous 4-Bit Binary Counters
logo
Texas Instruments
CD54AC161 TI-CD54AC161 Datasheet
383Kb / 15P
4-BIT SYNCHRONOUS BINARY COUNTERS
CD54AC163 TI-CD54AC163 Datasheet
154Kb / 11P
4-BIT SYNCHRONOUS BINARY COUNTERS
SN54HC161 TI-SN54HC161 Datasheet
642Kb / 24P
4-BIT SYNCHRONOUS BINARY COUNTERS
SN54HC163 TI-SN54HC163 Datasheet
640Kb / 24P
4-BIT SYNCHRONOUS BINARY COUNTERS
logo
Fairchild Semiconductor
DM74LS161A FAIRCHILD-DM74LS161A Datasheet
103Kb / 10P
Synchronous 4-Bit Binary Counters
logo
Texas Instruments
SN54LV161A TI-SN54LV161A Datasheet
440Kb / 20P
4-BIT SYNCHRONOUS BINARY COUNTERS
SN54LV161A TI-SN54LV161A_08 Datasheet
610Kb / 22P
4-BIT SYNCHRONOUS BINARY COUNTERS
CD74AC161ME4 TI-CD74AC161ME4 Datasheet
553Kb / 18P
4-BIT SYNCHRONOUS BINARY COUNTERS
SN54LV163A TI1-SN54LV163A_15 Datasheet
947Kb / 26P
4-BIT SYNCHRONOUS BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com