Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH-T674 Datasheet(PDF) 4 Page - ams-OSRAM AG

Part # LH-T674
Description  TOPLED®
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LH-T674 Datasheet(HTML) 4 Page - ams-OSRAM AG

  LH-T674 Datasheet HTML 1Page - ams-OSRAM AG LH-T674 Datasheet HTML 2Page - ams-OSRAM AG LH-T674 Datasheet HTML 3Page - ams-OSRAM AG LH-T674 Datasheet HTML 4Page - ams-OSRAM AG LH-T674 Datasheet HTML 5Page - ams-OSRAM AG LH-T674 Datasheet HTML 6Page - ams-OSRAM AG LH-T674 Datasheet HTML 7Page - ams-OSRAM AG LH-T674 Datasheet HTML 8Page - ams-OSRAM AG LH-T674 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LH T674
4 Version 1.3 | 2019-07-22
Characteristics
I
F = 10 mA; TS = 25 °C
Parameter
Symbol
Values
Peak Wavelength
λ
peak
typ.
660 nm
Dominant Wavelength 3)
I
F = 10 mA
λ
dom
min.
typ.
max.
634 nm
645 nm
654 nm
Spectral Bandwidth at 50% I
rel,max
∆λ
typ.
22 nm
Viewing angle at 50% I
V
2φ
typ.
120 °
Forward Voltage 4)
I
F = 10 mA
V
F
min.
typ.
max.
1.60 V
1.75 V
2.50 V
Reverse current 2)
V
R = 12 V
I
R
typ.
max.
0.01 µA
10 µA
Temperature Coefficient of Peak Wavelength
-10°C ≤ T ≤ 100°C
TC
λpeak
typ.
0.28 nm / K
Temperature Coefficient of Dominant Wavelength
-10°C ≤ T ≤ 100°C
TC
λdom
typ.
0.05 nm / K
Temperature Coefficient of Forward Voltage
-10°C ≤ T ≤ 100°C
TC
VF
typ.
-2.5 mV / K
Real thermal resistance junction/ambient 5)6)
R
thJA real
max.
400 K / W
Real thermal resistance junction/solderpoint 5)
R
thJS real
max.
180 K / W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com