Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54ALS874B Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN54ALS874B
Description  DUAL 4-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOPS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54ALS874B Datasheet(HTML) 3 Page - Texas Instruments

  SN54ALS874B Datasheet HTML 1Page - Texas Instruments SN54ALS874B Datasheet HTML 2Page - Texas Instruments SN54ALS874B Datasheet HTML 3Page - Texas Instruments SN54ALS874B Datasheet HTML 4Page - Texas Instruments SN54ALS874B Datasheet HTML 5Page - Texas Instruments SN54ALS874B Datasheet HTML 6Page - Texas Instruments SN54ALS874B Datasheet HTML 7Page - Texas Instruments SN54ALS874B Datasheet HTML 8Page - Texas Instruments SN54ALS874B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
SN54ALS874B, SN74ALS874B, SN74ALS876A
SN74AS874, SN74AS876
DUAL 4-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOPS
SDAS061C – APRIL 1982 – REVISED JANUARY 1995
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
logic diagrams (positive logic)
R
C1
1D
D1
Q1
R
C1
1D
D2
Q2
R
C1
1D
D3
Q3
R
C1
1D
D4
Q4
OE
CLK
CLR
SN54ALS874B, SN74ALS874B, SN74AS874
(each quad flip-flop)
S
C1
1D
D1
Q1
S
C1
1D
D2
Q2
S
C1
1D
D3
Q3
S
C1
1D
D4
Q4
OE
CLK
PRE
SN74ALS876A, SN74AS876
(each quad flip-flop)
Pin numbers shown are for the DW, JT, and NT packages.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage applied to a disabled 3-state output
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: SN54ALS874B
– 55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . .
SN74ALS874B, SN74ALS876A
0
°C to 70°C
. . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com