Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN8 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TN8
Description  8A SCRS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN8 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TN8_06 Datasheet HTML 2Page - STMicroelectronics TN8_06 Datasheet HTML 3Page - STMicroelectronics TN8_06 Datasheet HTML 4Page - STMicroelectronics TN8_06 Datasheet HTML 5Page - STMicroelectronics TN8_06 Datasheet HTML 6Page - STMicroelectronics TN8_06 Datasheet HTML 7Page - STMicroelectronics TN8_06 Datasheet HTML 8Page - STMicroelectronics TN8_06 Datasheet HTML 9Page - STMicroelectronics TN8_06 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TN8, TS8 and TYNx08 Series
6/10
Figure 17: Ordering Information Scheme (TN8 series)
Figure 18: Ordering Information Scheme (TS8 series)
Figure 19: Ordering Information Scheme (TYN08 series)
TN 8 05 - 600 B (-TR)
Standard SCR series
Sensitivity
Voltage
Package
Packing mode
Current
8 = 8A
05 = 5mA
15 = 15mA
600 = 600V
800 = 800V
B = DPAK
H = IPAK
Blanck = Tube
-TR = Tape & Reel
TS 8 20 - 600 B (-TR)
Sensitive SCR series
Sensitivity
Voltage
Package
Packing mode
Current
8 = 8A
20 = 200µA
600 = 600V
700 = 700V
B = DPAK
H = IPAK
T = TO-220AB
Blanck = Tube
-TR = Tape & Reel
TYN
6
08
RG
Standard SCR series
Packing mode
Current
8 = 8A
RG = Tube
Voltage
6 = 600V
8 = 800V
10 = 100V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com