Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62290DRVR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62290DRVR
Description  1-A Step Down Converter in 2 x 2 SON Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62290DRVR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS62290DRVR Datasheet HTML 3Page - Texas Instruments TPS62290DRVR Datasheet HTML 4Page - Texas Instruments TPS62290DRVR Datasheet HTML 5Page - Texas Instruments TPS62290DRVR Datasheet HTML 6Page - Texas Instruments TPS62290DRVR Datasheet HTML 7Page - Texas Instruments TPS62290DRVR Datasheet HTML 8Page - Texas Instruments TPS62290DRVR Datasheet HTML 9Page - Texas Instruments TPS62290DRVR Datasheet HTML 10Page - Texas Instruments TPS62290DRVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
www.ti.com
1.746
1.764
1.782
1.8
1.818
1.836
1.854
0.01
0.1
1
10
100
1000
V
=2.7V, T
=-40°C
IN
A
V
=2.7V,
T
=85°C
IN
A
V
=3.6V,
T
=85°C
IN
A
V
=4.5V,
T
=85°C
IN
A
V
=2.7V,
T
=25°C
IN
A
V
=3.6V,
T
=25°C
IN
A
V
=4.5V,
T
=25°C
IN
A
V
=4.5V, T
=-40°C
IN
A
V
=3.6V, T
=-40°C
IN
A
I
-OutputCurrent-mA
O
MODE=V ,
L =2.2 H
IN
m
1.78
1.80
1.82
1.84
1.86
1.88
1.90
0.01
0.1
1
10
100
1000
I
-OutputCurrent-mA
O
PFMMode,VoltagePositioningOn
PWMMode
V =4.5V, T =-40°C
I
A
V =3.6V, T =-40°C
I
A
V =2.7V, T =-40°C
I
A
V =4.5V, T =85°C
I
A
V =3.6V, T =85°C
I
A
V =2.7V, T =85°C
I
A
V =4.5V, T =25°C
I
A
V =3.6V, T =25°C
I
A
V =2.7V, T =25°C
I
A
MODE=GND,
L =2.2 H
m
3.20
3.22
3.24
3.26
3.28
3.30
3.32
3.34
3.36
3.38
3.40
0.01
0.1
1
10
100
1000
I
-OutputCurrent-mA
O
V
=3.3V,
MODE=V ,
L =2.2 H
O
I
m
T =25°C
A
T =-40°C
A
T =85°C
A
V =3.7V,4.2V,4.5V
I
3.25
3.30
3.35
3.40
3.45
3.50
0.01
0.1
1
10
100
1000
I
-OutputCurrent- mA
O
PFMMode,VoltagePositioningOn
PWMMode
V =4.5V,T =-40°C
I
A
V =4.5V,T =25°C
I
A
V =4.2V,T =-40°C
I
A
V =4.5V,T =85°C
I
A
V =4.2V,T =85°C
I
A
V =4.2V,T =25°C
I
A
Mode=GND,
L =2.2 H
m
TPS62290, TPS62291, TPS62293
SLVS764C – JUNE 2007 – REVISED MARCH 2008
OUTPUT VOLTAGE ACCURACY
OUTPUT VOLTAGE ACCURACY
(1.8V FORCED PWM MODE)
(1.8V POWER SAVE MODE)
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 5.
Figure 6.
OUTPUT VOLTAGE ACCURACY
OUTPUT VOLTAGE ACCURACY
3.3V FORCED PWM MODE
3.3V POWER SAVE MODE
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 7.
Figure 8.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS62290 TPS62291 TPS62293



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com