Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7983 Datasheet(PDF) 18 Page - Analog Devices

Part # AD7983
Description  16-Bit, 1.33 MSPS PulSAR ADC in MSOP/QFN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7983 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7983 Datasheet HTML 14Page - Analog Devices AD7983 Datasheet HTML 15Page - Analog Devices AD7983 Datasheet HTML 16Page - Analog Devices AD7983 Datasheet HTML 17Page - Analog Devices AD7983 Datasheet HTML 18Page - Analog Devices AD7983 Datasheet HTML 19Page - Analog Devices AD7983 Datasheet HTML 20Page - Analog Devices AD7983 Datasheet HTML 21Page - Analog Devices AD7983 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD7983
Rev. 0 | Page 18 of 24
CS MODE, 3-WIRE WITH BUSY INDICATOR
This mode is usually used when a single AD7983 is connected
to an SPI-compatible digital host that has an interrupt input.
The connection diagram is shown in Figure 28, and the
corresponding timing is given in Figure 29.
With SDI tied to VIO, a rising edge on CNV initiates a
conversion, selects the CS mode, and forces SDO to high
impedance. SDO is maintained in high impedance until the
completion of the conversion irrespective of the state of CNV.
Prior to the minimum conversion time, CNV can be used to
select other SPI devices, such as analog multiplexers, but CNV
must be returned low before the minimum conversion time
elapses and then held low for the maximum conversion time to
guarantee the generation of the busy signal indicator. When the
conversion is complete, SDO goes from high impedance to low.
With a pull-up on the SDO line, this transition can be used as an
interrupt signal to initiate the data read back controlled by the
digital host. The AD7983 then enters the acquisition phase and
goes into standby mode. The data bits are then clocked out,
MSB first, by subsequent SCK falling edges. The data is valid on
both SCK edges. Although the rising edge can be used to capture
the data, a digital host using the SCK falling edge allows a faster
reading rate provided it has an acceptable hold time. After the
optional 17th SCK falling edge or when CNV goes high,
whichever is earlier, SDO returns to high impedance.
If multiple AD7983s are selected at the same time, the SDO
output pin handles this contention without damage or induced
latch-up. Meanwhile, it is recommended that this contention be
kept as short as possible to limit extra power dissipation.
AD7983 SDO
SDI
DATA IN
IRQ
DIGITAL HOST
CONVERT
CLK
VIO
VIO
47kΩ
CNV
SCK
Figure 28. CS Mode, 3-Wire with Busy Indicator
Connection Diagram (SDI High)
tCONV
tCNVH
tCYC
ACQUISITION
ACQUISITION
tACQ
tSCK
tSCKH
tSCKL
CONVERSION
SCK
CNV
SDI = 1
SDO
D15
D14
D1
D0
tHSDO
12
3
15
16
17
tDSDO
tDIS
Figure 29. CS Mode, 3-Wire with Busy Indicator Serial Interface Timing (SDI High)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com