Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSCB100AT Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # NSCB100AT
Description  SPECIFICATIONS FOR NICHIA CHIP TYPE BLUE LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NSCB100AT Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button NSCB100AT Datasheet HTML 5Page - List of Unclassifed Manufacturers NSCB100AT Datasheet HTML 6Page - List of Unclassifed Manufacturers NSCB100AT Datasheet HTML 7Page - List of Unclassifed Manufacturers NSCB100AT Datasheet HTML 8Page - List of Unclassifed Manufacturers NSCB100AT Datasheet HTML 9Page - List of Unclassifed Manufacturers NSCB100AT Datasheet HTML 10Page - List of Unclassifed Manufacturers NSCB100AT Datasheet HTML 11Page - List of Unclassifed Manufacturers NSCB100AT Datasheet HTML 12Page - List of Unclassifed Manufacturers NSCB100AT Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
020
60 80 100
40
-40 -20
476
472
470
464
474
468
466
15
10 20
100
50
0.10 0.12 0.14 0.16 0.18 0.20
0.05
0.13
0.11
0.09
0.07
0.03
1.2
1
0.8
0.4
0.2
0
0.6
350 400 450 500
600 650
550
! Spectrum
! Forward Current vs.
Chromaticity Coordinate (λD)
! Ambient Temperature vs.
Dominant Wavelength
! Forward Current vs.
Dominant Wavelength
Forward Current IFP (mA)
Ambient Temperature Ta (°C)
xx
Wavelength
λ (nm)
1mA(473nm)
5mA(472nm)
20mA(470nm)
100mA(467nm)
50mA(468nm)
474
473
472
470
469
466
471
468
467
Ta=25°C
Ta=25°C
Ta=25°C
IF=20mA
IFP=20mA
TYP.CHARACTERISTICS
Model
NSCB100A
NICHIA CORPORATION Title
No.
011003105332
Ta=25°C
IF=20mA
! Directivity (NSCB100A)
Radiation Angle
Y-Y
X-X
0°
10° 20°
30°
40°
50°
60°
70°
80°
90°
1
0.5
0
0°
30°
0.5
90°
60°
1
X
X
Y
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com