Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWC86AS Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # AWC86AS
Description  Micro-Controller incorporates Web-Enabled, Real-time Operating System
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AWC86AS Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button AWC86AS Datasheet HTML 10Page - List of Unclassifed Manufacturers AWC86AS Datasheet HTML 11Page - List of Unclassifed Manufacturers AWC86AS Datasheet HTML 12Page - List of Unclassifed Manufacturers AWC86AS Datasheet HTML 13Page - List of Unclassifed Manufacturers AWC86AS Datasheet HTML 14Page - List of Unclassifed Manufacturers AWC86AS Datasheet HTML 15Page - List of Unclassifed Manufacturers AWC86AS Datasheet HTML 16Page - List of Unclassifed Manufacturers AWC86AS Datasheet HTML 17Page - List of Unclassifed Manufacturers AWC86AS Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Advanced Web Communication
(14)
Slim-Link® Server
AWE86MON Monitor Commands
The Slim-Link® Server includes a 186 micro-controller monitor utility in firmware. This monitor program permits the
developer to manipulate memory contents, execute and debug application programs through either of the Slim-Link®
Server’s serial ports. Control is provided through the commands listed below. These commands must be issued in ten-
bit character format (8 data bits, no parity). The Slim-Link® Server will auto baud at data rates from 300 to 115,200 bits
per second when an “a” is received in the first 3 seconds after power is applied.
Command
Format
Description
B
B[Addr]
Set Break Point at listed address
C
C [Range, Addr]
Compare contents of listed memory Range with the contents
beginning at the listed Address.
D
D [Start Addr, End Addr]
Display contents of the specified range of Memory Locations.
E
E [Addr, List}
Load data from list into memory beginning at the Memory
Address shown.
F
F [Range, List]
Fills locations in the listed Memory range with the listed
values.
G
G [Addr]
Activate program with the start address shown
H
H
Help, display AWE86MON monitor commands
I
I
List System Information
I
I[Word]
Input word from serial port
J
J
Automatically determine new baud rate
L
Ln
Load file n
M
M [(Start Addr, End Addr),
Move data in memory range to new location beginning with
New Addr]
New Memory Address
N
N[Argument List]
List all .exe arguments
O
O [Word]
Output Word to serial port
P
P [Parameter, Value]
Load Value into selected Parameter. Parameters include baud
rate setting, cpu speed to Monitor, automatically run selected
file, monitor port, and protect flash memory.
R
R [Register Name]
Display Register value
S
S[(Start Addr, End Addr),
Search for the Listed data within the range of Addresses given.
List]
T
T [address, word]
Step through the execution of the program beginning at the
selected Address or Word.
W
W [Name]
Write hex file Name into Flash Memory
X
X [Sector]
Erase selected Sector of Flash memory
Z
Z
Upgrade Boot Monitor, Replace the Monitor in Flash Memory,
or Lock the Monitor into RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com