Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR-ETSF-01 Datasheet(PDF) 6 Page - ams-OSRAM AG

Part # LR-ETSF-01
Description  Power TOPLED™
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LR-ETSF-01 Datasheet(HTML) 6 Page - ams-OSRAM AG

Back Button LR-ETSF-01 Datasheet HTML 2Page - ams-OSRAM AG LR-ETSF-01 Datasheet HTML 3Page - ams-OSRAM AG LR-ETSF-01 Datasheet HTML 4Page - ams-OSRAM AG LR-ETSF-01 Datasheet HTML 5Page - ams-OSRAM AG LR-ETSF-01 Datasheet HTML 6Page - ams-OSRAM AG LR-ETSF-01 Datasheet HTML 7Page - ams-OSRAM AG LR-ETSF-01 Datasheet HTML 8Page - ams-OSRAM AG LR-ETSF-01 Datasheet HTML 9Page - ams-OSRAM AG LR-ETSF-01 Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
LR ETSF.01
DATASHEET
DATASHEET
6 | Version 1.1 | 2025-12-08
Brightness Groups
Group
Luminous Intensity 1)
Luminous Intensity. 1)
Luminous Flux 6)
I
F = 50 mA
I
F = 50 mA
I
F = 50 mA
min.
max.
typ.
I
v
I
v
Φ
V
7B
2240 mcd
2500 mcd
7110 mlm
8B
2500 mcd
2800 mcd
7950 mlm
5C
2800 mcd
3150 mcd
8925 mlm
6C
3150 mcd
3550 mcd
10050 mlm
7C
3550 mcd
4000 mcd
11325 mlm
8C
4000 mcd
4500 mcd
12750 mlm
Forward Voltage Groups
Group
Forward Voltage 4)
Forward Voltage 4)
I
F = 50 mA
I
F = 50 mA
min.
max.
V
F
V
F
G3
1.90 V
2.05 V
K3
2.05 V
2.20 V
N3
2.20 V
2.35 V
R3
2.35 V
2.50 V
Wavelength Groups
Group
Dominant Wavelength 3)
Dominant Wavelength 3)
I
F = 50 mA
I
F = 50 mA
min.
max.
λ
dom
λ
dom
4
620 nm
624 nm
5
624 nm
627 nm
6
627 nm
630 nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com