Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRTB-GVSR Datasheet(PDF) 6 Page - ams-OSRAM AG

Part # LRTB-GVSR
Description  OSIRE® E3635
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LRTB-GVSR Datasheet(HTML) 6 Page - ams-OSRAM AG

Back Button LRTB-GVSR Datasheet HTML 2Page - ams-OSRAM AG LRTB-GVSR Datasheet HTML 3Page - ams-OSRAM AG LRTB-GVSR Datasheet HTML 4Page - ams-OSRAM AG LRTB-GVSR Datasheet HTML 5Page - ams-OSRAM AG LRTB-GVSR Datasheet HTML 6Page - ams-OSRAM AG LRTB-GVSR Datasheet HTML 7Page - ams-OSRAM AG LRTB-GVSR Datasheet HTML 8Page - ams-OSRAM AG LRTB-GVSR Datasheet HTML 9Page - ams-OSRAM AG LRTB-GVSR Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
LRTB GVSR
DATASHEET
DATASHEET
6 | Version 1.4 | 2023-09-11
Brightness Groups
Color of emission
Group
Luminous Intensity 1)
Luminous Intensity 1)
I
F = 20 mA
I
F = 20 mA
min.
max.
I
v
I
v
● red
4U
630 mcd
710 mcd
● red
1V
710 mcd
800 mcd
● red
2V
800 mcd
900 mcd
● red
3V
900 mcd
1000 mcd
● red
4V
1000 mcd
1120 mcd
● true green
8A
1590 mcd
1800 mcd
● true green
5B
1800 mcd
2010 mcd
● true green
6B
2010 mcd
2240 mcd
● true green
7B
2240 mcd
2500 mcd
● true green
8B
2500 mcd
2800 mcd
● blue
3S
224 mcd
250 mcd
● blue
4S
250 mcd
280 mcd
● blue
1T
280 mcd
315 mcd
● blue
2T
315 mcd
355 mcd
● blue
3T
355 mcd
400 mcd
● blue
4T
400 mcd
450 mcd
● blue
1U
450 mcd
500 mcd
● blue
2U
500 mcd
560 mcd
● blue
3U
560 mcd
630 mcd
● blue
4U
630 mcd
710 mcd
Wavelength Groups
● red
Group
Dominant Wavelength 3)
Dominant Wavelength 3)
min.
max.
λ
dom
λ
dom
JP
620 nm
625 nm
MT
623 nm
629 nm
RW
627 nm
632 nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com