Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRTBR98G Datasheet(PDF) 1 Page - ams-OSRAM AG

Part # LRTBR98G
Description  Multi Chip LED
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LRTBR98G Datasheet(HTML) 1 Page - ams-OSRAM AG

  LRTBR98G Datasheet HTML 1Page - ams-OSRAM AG LRTBR98G Datasheet HTML 2Page - ams-OSRAM AG LRTBR98G Datasheet HTML 3Page - ams-OSRAM AG LRTBR98G Datasheet HTML 4Page - ams-OSRAM AG LRTBR98G Datasheet HTML 5Page - ams-OSRAM AG LRTBR98G Datasheet HTML 6Page - ams-OSRAM AG LRTBR98G Datasheet HTML 7Page - ams-OSRAM AG LRTBR98G Datasheet HTML 8Page - ams-OSRAM AG LRTBR98G Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
LRTB R98G
Multi C
hip LED
Lead (Pb) Free Product - RoHS Compliant
Version 1
.9
2021-09-30
1
Besondere Merkmale
• Gehäusetyp: schwarzes SMT-Gehäuse,
Kontrasterhöhung durch schwarze Oberfläche
(RGB-Displays) und diffuses Harz
• Besonderheit des Bauteils: additive
Farbmischung durch unabhängige
Ansteuerung aller Chips
• Wellenlänge: 625 nm (rot),
528 nm (true green), 470 nm (blau)
• Abstrahlwinkel: 100°
• Gruppierungsparameter: Lichtstärke,
Wellenlänge
• Verarbeitungsmethode: für alle
SMT-Bestücktechniken geeignet
• Lötmethode: Reflow Löten
• Vorbehandlung: nach JEDEC Level 2
• Verpackungseinheit: 4 Rollen mit 3’000/Rolle,
ø180 mm
• ESD-Festigkeit: ESD-sensitiv
• Erweiterte Korrosionsfestigkeit:
Details siehe Seite 18
Anwendungen
• Videoleinwände im Innenbereich
• Vollfarb-Displays
• Getrennte Ansteuerung der Leuchtdiodenchips
zur Darstellung verschiedener Farben inklusive
weiß
Features
• package: black SMT package, higher contrast
by a black surface (RGB-Displays) and diffused
resin
• feature of the device: additive mixture of color
stimuli by independent driving of each chip
• wavelength: 625 nm (red),
528 nm (true green), 470 nm (blue)
• viewing angle: 100°
• grouping parameter: luminous intensity,
wavelength
• assembly methods: suitable for all
SMT assembly methods
• soldering methods: reflow soldering
• preconditioning: acc. to JEDEC Level 2
• method of packing: 4 reels with 3,000/reel,
ø180 mm
• ESD-withstand voltage: sensitive device
• Superior Corrosion Robustness:
details see page 18
Applications
• Indoor Video Walls
• full color display
• LED chips can be controlled separately to
display various colors including white


Similar Part No. - LRTBR98G

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LRTBR98G OSRAM-LRTBR98G Datasheet
1Mb / 25P
Indoor Video Walls
LRTBR98G OSRAM-LRTBR98G Datasheet
1Mb / 25P
Multi CHIPLED
LRTBR98G OSRAM-LRTBR98G_18 Datasheet
1Mb / 25P
Multi CHIPLED
More results

Similar Description - LRTBR98G

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
15-22SURSYGC EVERLIGHT-15-22SURSYGC Datasheet
236Kb / 10P
Chip LED with Bi-Color (Multi-Color)
15-22-R6G6C-A32-2T EVERLIGHT-15-22-R6G6C-A32-2T Datasheet
218Kb / 12P
Chip LED with Bi-Color (Multi-Color)
23-22B-R7G6C-A30-2T EVERLIGHT-23-22B-R7G6C-A30-2T Datasheet
216Kb / 12P
Chip LED (Multi-Color)
23-22B-S2BHC-C30-2A EVERLIGHT-23-22B-S2BHC-C30-2A Datasheet
229Kb / 12P
Reverse Package Chip LED (Multi-Color)
23-22C-S2BHC-B30-2A EVERLIGHT-23-22C-S2BHC-B30-2A Datasheet
171Kb / 12P
Reverse Package Chip LED (Multi-Color)
18-225-B6R6C-C01-3T EVERLIGHT-18-225-B6R6C-C01-3T_11 Datasheet
213Kb / 11P
Chip LED with Bi-Color(Multi-Color)
23-22B-R7G6C-A30-2T EVERLIGHT-23-22B-R7G6C-A30-2T_11 Datasheet
271Kb / 12P
Chip LED (Multi-Color)
23-22C-S2BHC-B30-2A EVERLIGHT-23-22C-S2BHC-B30-2A_11 Datasheet
203Kb / 12P
Reverse Package Chip LED (Multi-Color)
logo
Linkage Goston Electron...
SM2135E LINKAGE-SM2135E Datasheet
2Mb / 8P
MultI-Channel Smart LED Drive chip
logo
HK TO-GRACE TECHNOLOGY ...
23-22B-S2BHC-C30-2A TO-GRACE-23-22B-S2BHC-C30-2A Datasheet
703Kb / 12P
Reverse Package Chip LED (Multi-Color)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com