Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STN3PF06 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STN3PF06
Description  P-channel 60 V - 0.20 Ω - 2.5 A - SOT-223 STripFET??II Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN3PF06 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STN3PF06_08 Datasheet HTML 4Page - STMicroelectronics STN3PF06_08 Datasheet HTML 5Page - STMicroelectronics STN3PF06_08 Datasheet HTML 6Page - STMicroelectronics STN3PF06_08 Datasheet HTML 7Page - STMicroelectronics STN3PF06_08 Datasheet HTML 8Page - STMicroelectronics STN3PF06_08 Datasheet HTML 9Page - STMicroelectronics STN3PF06_08 Datasheet HTML 10Page - STMicroelectronics STN3PF06_08 Datasheet HTML 11Page - STMicroelectronics STN3PF06_08 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Package mechanical data
STN3PF06
10/12
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A1.80
0.071
B
0.60
0.70
0.80
0.024
0.027
0.031
B1
2.90
3.00
3.10
0.114
0.118
0.122
c
0.24
0.26
0.32
0.009
0.010
0.013
D6.30
6.50
6.70
0.248
0.256
0.264
e2.30
0.090
e1
4.60
0.181
E
3.30
3.50
3.70
0.130
0.138
0.146
H
6.70
7.00
7.30
0.264
0.276
0.287
V10
o
10
o
A1
0.02
P008B
SOT-223 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com