Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N3PF06 Datasheet(PDF) 3 Page - STMicroelectronics

Part # N3PF06
Description  P-channel 60 V - 0.20 Ω - 2.5 A - SOT-223 STripFET??II Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

N3PF06 Datasheet(HTML) 3 Page - STMicroelectronics

  N3PF06 Datasheet HTML 1Page - STMicroelectronics N3PF06 Datasheet HTML 2Page - STMicroelectronics N3PF06 Datasheet HTML 3Page - STMicroelectronics N3PF06 Datasheet HTML 4Page - STMicroelectronics N3PF06 Datasheet HTML 5Page - STMicroelectronics N3PF06 Datasheet HTML 6Page - STMicroelectronics N3PF06 Datasheet HTML 7Page - STMicroelectronics N3PF06 Datasheet HTML 8Page - STMicroelectronics N3PF06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
STN3PF06
Electrical ratings
3/12
1
Electrical ratings
Note:
For the p-channel Power MOSFET actual polarity of voltages and current has to be reversed
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage (VGS = 0)
60
V
VGS
Gate-source voltage
±20
V
ID
Drain current (continuous) at TC = 25 °C
2.5
A
ID
Drain current (continuous) at TC = 100 °C
1.5
A
IDM
(1)
1.
Pulse width limited by safe operating area
Drain current (pulsed)
10
A
PTOT
Total dissipation at TC = 25 °C
2.5
W
Derating factor
0.02
W/°C
dv/dt (2)
2.
ISD ≤ 3A, di/dt ≤ 200 A/µs, VDD = 80% V(BR)DSS
Peak diode recovery voltage slope
6
V/ns
Tj
Tstg
Operating junction temperature
Storage temperature
-65 to 150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
Rthj-pcb
Thermal resistance junction-pcb board max
50
°C/W
Rthj-a
Thermal resistance junction-ambient max(1)
1.
Surface mounted
62.5
°C/W
Tl
Maximum lead temperature for soldering purpose
260
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com