Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FE4G Datasheet(PDF) 1 Page - VoltarisTech Inc

Part # FE4G
Description  SINTERED GLASS JUNCTION SUPERFAST AVALANCHE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VOLTARISTECH [VoltarisTech Inc]
Direct Link  https://www.voltaristech.com/
Logo VOLTARISTECH - VoltarisTech Inc

FE4G Datasheet(HTML) 1 Page - VoltarisTech Inc

  FE4G Datasheet HTML 1Page - VoltarisTech Inc FE4G Datasheet HTML 2Page - VoltarisTech Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FE4G
SINTERED GLASS JUNCTION
SUPERFAST AVALANCHE RECTIFIER
VOLTAGE:400V
CURRENT: 3.0A
FEATURE
G-4
Glass passivated
Hermetically sealed package
Low reverse current
Soft recovery characteristics
MECHANICAL DATA
Case: G-4 sintered glass case
Terminal: Plated axial leads solderable per
MIL-STD 750, method 2026
Polarity: color band denotes cathode end
Mounting position: any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25
C, unless otherwise stated)
SYMBOL
FE4G
units
Maximum Recurrent Peak Reverse Voltage
VRRM
400
V
Maximum RMS Voltage
VRMS
280
V
Maximum DC blocking Voltage
VDC
400
V
Maximum Average Forward Rectified
Current 3/8”lead
length at Ta=55℃
IFAV
3.0
A
Peak Forward Surge Current 8.3ms single half sine-
wave superimposed on rated load
IFSM
120
A
Maximum Forward Voltage at rated Forward Current
and 25℃
VF
1.6
V
Maximum DC Reverse Current at
VDC =400V and 25℃
IR
5.0
A
Maximum DC Reverse Current at
VDC =450V and 25℃
IR
5.0
A
Maximum DC Reverse Current at
VDC =500V and 25℃
IR
25.0
A
Maximum DC Reverse Current at
VDC =400V and 100℃
IR
100
A
Maximum Reverse Recovery Time
(Note 1)
Trr
35
nS
Typical Junction Capacitance
(Note 2)
Cj
100.0
pF
Typical Thermal Resistance
(Note 3)
Rth(ja)
20.0
℃ /W
Storage and Operating Junction Temperature
Tstg, Tj
-65 to +175
℃
Note:
1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A
2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
3. Thermal Resistance from Junction to Ambient at 3/
8”lead length, P.C. Board Mounted
Rev.A1, 6-Dec-07
www.gulfsemi.com
https://www.voltaristech.com/


Similar Part No. - FE4G

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
FE4G GULFSEMI-FE4G Datasheet
80Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.0A
More results

Similar Description - FE4G

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GP10A ZOWIE-GP10A Datasheet
60Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
logo
Gulf Semiconductor
BY228 GULFSEMI-BY228 Datasheet
144Kb / 2P
SINTERED GLASS JUNCTION AVALANCHE RECTIFIER VOLTAGE:1500V CURRENT: 2.5A
BY448 GULFSEMI-BY448 Datasheet
83Kb / 2P
SINTERED GLASS JUNCTION AVALANCHE RECTIFIER VOLTAGE:1500V CURRENT: 2.0A
ERB12JGP GULFSEMI-ERB12JGP Datasheet
156Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER
FE5B GULFSEMI-FE5B Datasheet
136Kb / 2P
SINTERED GLASS JUNCTION SUPERFAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 5.0A
logo
Shenzhen Luguang Electr...
BYM26C LUGUANG-BYM26C Datasheet
255Kb / 2P
Sintered Glass Junction ,Ultrafast Avalanche Rectifier
BYT54M LUGUANG-BYT54M Datasheet
238Kb / 2P
Sintered Glass Junction Fast Avalanche Rectifier
logo
Zowie Technology Corpor...
GP20AH ZOWIE-GP20AH Datasheet
62Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
logo
Shenzhen Luguang Electr...
BYW96E LUGUANG-BYW96E Datasheet
145Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER
logo
SUNMATE electronic Co.,...
BY228 SUNMATE-BY228 Datasheet
350Kb / 2P
SINTERED GLASS JUNCTION AVALANCHE RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com