Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBS6401 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBS6401
Description  SAW Filter Electrical Characteristic
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS6401 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBS6401 Datasheet HTML 1Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Sichuan Institute of Piezoelectric and Acoustooptic Technology
______________________________________________________________________________________________ 
P.O.Box 2513 Chongqing China 400060   Tel:86-23-62920684   Fax:62805284   email:sawmkt@sipat.com
SP-LBS64.4 SAW Filter Electrical Characteristic
Parameter 
Unit 
Minimum  Typical  Maximum 
 Center Frequency 
MHz 
64.35 
64.4 
64.45 
Insertion Loss 
dB 
- 
18  
20 
3 dB Bandwidth 
MHz 
0.2 
 0.24 
- 
50 dB Bandwidth 
MHz 
- 
0.83 
0.9 
Absolute Delay 
usec 
- 
3.954 
4.0 
Ultimate Rejection 
dB 
50 
60 
- 
Substrate Material 
 
Quartz 
Ambient Temperature 
C 
25 
Package Size 
DIP3512  (35*12.7*5mm
3) 
 
63.4
63.6
63.8
64
64.2
64.4
64.6
64.8
65
65.2
65.4
-90
-80
-70
-60
-50
-40
-30
-20
Type performance
Frequency(MHz)
SP-LBS64.4 SAW Filter Electrical
Characteristic


Similar Part No. - LBS6401

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS6401 SIPAT-LBS6401 Datasheet
67Kb / 1P
SAW Filter Electrical Characteristic
More results

Similar Description - LBS6401

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS14023 SIPAT-LBS14023 Datasheet
44Kb / 1P
SAW Filter Electrical Characteristic
LBS7032 SIPAT-LBS7032 Datasheet
74Kb / 1P
SAW Filter Electrical Characteristic
LBS07202 SIPAT-LBS07202 Datasheet
125Kb / 1P
SAW Filter Electrical Characteristic
LBN160-9.45 SIPAT-LBN160-9.45 Datasheet
23Kb / 1P
SAW Filter Electrical Characteristic
LBN02301 SIPAT-LBN02301 Datasheet
110Kb / 1P
SAW Filter Electrical Characteristic
LBN03601 SIPAT-LBN03601 Datasheet
69Kb / 1P
SAW Filter Electrical Characteristic
LBN04404 SIPAT-LBN04404 Datasheet
91Kb / 1P
SAW Filter Electrical Characteristic
LBN6504 SIPAT-LBN6504 Datasheet
91Kb / 1P
SAW Filter Electrical Characteristic
LBN7001 SIPAT-LBN7001 Datasheet
43Kb / 1P
SAW Filter Electrical Characteristic
LBN7052 SIPAT-LBN7052 Datasheet
104Kb / 1P
SAW Filter Electrical Characteristic
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com