Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD1492 Datasheet(PDF) 4 Page - STMicroelectronics

Part # SD1492
Description  RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1492 Datasheet(HTML) 4 Page - STMicroelectronics

  SD1492 Datasheet HTML 1Page - STMicroelectronics SD1492 Datasheet HTML 2Page - STMicroelectronics SD1492 Datasheet HTML 3Page - STMicroelectronics SD1492 Datasheet HTML 4Page - STMicroelectronics SD1492 Datasheet HTML 5Page - STMicroelectronics SD1492 Datasheet HTML 6Page - STMicroelectronics SD1492 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ZCL
ZIN
470 MHz
470 MHz
900 MHz
550 MHz
650 MHz
700 MHz
860 MHz
700 MHz
860 MHz
900 MHz
IMPEDANCE DATA
FREQ.
ZIN (
Ω)ZCL (Ω)
900 MHz
2.65 + j 0.8
2.4
− j1.6
860 MHz
3.2 + j 1.6
2.3
− j0.9
700 MHz
2.0 + j 2.4
1.5
− j0.8
650 MHz
1.0 + j 1.3
—
550 MHz
0.6 + j 0.4
—
470 MHz
0.3
− j 1.2
1.2
− j1.3
SD1492
4/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com