Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3582145ESD Datasheet(PDF) 1 Page - KNIPEX

Part # 3582145ESD
Description  Electronics Pliers ESD
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX

3582145ESD Datasheet(HTML) 1 Page - KNIPEX

  3582145ESD Datasheet HTML 1Page - KNIPEX  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product information
35 82 145 ESD
Electronics Pliers ESD
DIN ISO 9655 DIN EN 61 340-5
● Improved transmission for increased service life
● Smoothly ground gripping surfaces for damage-free gripping
● Durable, load-optimised design with backlash-free box joint
● High, slim sleeves for fine and comfortable gripping between thumb
and index finger
● Low-friction double spring for gentle and even opening
● Mirror-polishing instead of chrome-plating to avoid interference in the
circuit with flaking chrome parts
● Edges carefully deburred
● For fine cutting and assembly work, e.g. in electronics and fine
mechanics
General
Article No.
35 82 145 ESD
EAN
4003773089414
Pliers
mirror polished
Head
mirror polished
Handles
with multi-component grips
Weight
86 g
Dimensions
145 x 70 x 25 mm
Standard
DIN ISO 9655 DIN EN 61 340-5
REACH compliant
does not contain SVHC
RoHS compliant
not applicable
Technical details
Jaw length (B)
31.1 mm
Jaw thickness (joint) (D)
8.5 mm
Tips width (E)
2.5 mm
Tips thickness (F)
1.8 mm
Head width (A)
13.0 mm
Dimensions angle
45 °
ESD
yes
technical change and errors excepted
KNIPEX Werk - C. Gustav Putsch KG - 42337 Wuppertal
07.03.2024 | page 1 from 1


Similar Part No. - 3582145ESD

ManufacturerPart #DatasheetDescription
logo
KNIPEX
3582145 KNIPEX-3582145 Datasheet
121Kb / 2P
Electronics Pliers
05.07.2021
More results

Similar Description - 3582145ESD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
382-0214 ETC2-382-0214 Datasheet
139Kb / 2P
Pliers
logo
PHOENIX CONTACT
SF-Z0008 PHOENIX-SF-Z0008 Datasheet
44Kb / 2P
Crimping pliers
SF-Z0009 PHOENIX-SF-Z0009 Datasheet
44Kb / 2P
Crimping pliers
SF-Z0029 PHOENIX-SF-Z0029 Datasheet
46Kb / 2P
Crimping pliers
RC-Z2504 PHOENIX-RC-Z2504 Datasheet
45Kb / 2P
Crimping pliers
1212481 PHOENIX-1212481 Datasheet
49Kb / 2P
Pointed pliers - MICROFOX-R ESD
1212482 PHOENIX-1212482 Datasheet
49Kb / 2P
Pointed pliers - MICROFOX-P ESD
1212483 PHOENIX-1212483 Datasheet
55Kb / 2P
Pointed pliers - MICROFOX-PC ESD
1212484 PHOENIX-1212484 Datasheet
49Kb / 2P
Flat-nosed pliers - MICROFOX-F ESD
logo
Pepperl+Fuchs Inc.
VAZ-FK-R-STRIPPER PF-VAZ-FK-R-STRIPPER Datasheet
102Kb / 1P
Stripping pliers
2009-03-11
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com