Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD1530-01 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SD1530-01
Description  RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1530-01 Datasheet(HTML) 1 Page - STMicroelectronics

  SD1530-01 Datasheet HTML 1Page - STMicroelectronics SD1530-01 Datasheet HTML 2Page - STMicroelectronics SD1530-01 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AVIONICS APPLICATIONS
RF & MICROWAVE TRANSISTORS
.280 4LSL (M115)
epoxy sealed
.
DESIGNED FOR HIGH POWER PULSED
IFF, DME, TACAN APPLICATIONS
.
40 WATTS (typ.) IFF 1030 - 1090 MHz
.
35 WATTS (min.) DME 1025 - 1150 MHz
.
25 WATTS (typ.) TACAN 960 - 1215 MHz
.
9.0 dB MIN. GAIN
.
REFRACTORY GOLD METALLIZATION
.
EMITTER BALLASTING AND LOW
THERMAL RESISTANCE FOR
RELIABILITY AND RUGGEDNESS
.
INFINITE LOAD VSWR CAPABILITY AT
SPECIFIED OPERATING CONDITIONS
.
INPUT MATCHED, COMMON BASE
CONFIGURATION
DESCRIPTION
The SD1530-01 is a gold metallized silicon, NPN
power transistor designed for applications requiring
high peak power and low duty cycles such as
IFF, DME and TACAN. The SD1530-01 is pack-
aged in the .280” input matched stripline package
resulting in improved broadband performance and
a low thermal resistance.
PIN CONNECTION
BRANDING
1530-1
ORDER CODE
SD1530-01
ABSOLUTE MAXIMUM RATINGS (Tcase
= 25°C)
Symbol
Parameter
Value
Uni t
VCBO
Collector-Base Voltage
65
V
VCES
Collector-Emitter Voltage
65
V
VEBO
Emitter-Base Voltage
3.5
V
IC
Device Current
2.6
A
PDISS
Power Dissipation
87.5
W
TJ
Junction Temperature
+200
°C
TSTG
Storage Temperature
− 65 to +150
°C
RTH(j-c)
Junction-Case Thermal Resistance
2.0
°C/W
SD1530-01
1. Collector
3. Emitter
2. Base
4. Base
THERMAL DATA
October 11, 1993
rev. 1 1/3


Similar Part No. - SD1530-01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1530-08 STMICROELECTRONICS-SD1530-08 Datasheet
58Kb / 5P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Aug-1993
More results

Similar Description - SD1530-01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM0608-450 STMICROELECTRONICS-AM0608-450 Datasheet
82Kb / 3P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM80912-015 STMICROELECTRONICS-AM80912-015 Datasheet
94Kb / 6P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Mar-1994
AM80912-085 STMICROELECTRONICS-AM80912-085 Datasheet
66Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
MSC1000M STMICROELECTRONICS-MSC1000M Datasheet
100Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Oct-1992
MSC81325M STMICROELECTRONICS-MSC81325M Datasheet
73Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
MSC81400M STMICROELECTRONICS-MSC81400M Datasheet
65Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
SD1540-08 STMICROELECTRONICS-SD1540-08 Datasheet
72Kb / 5P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
MS2290 ADPOW-MS2290 Datasheet
94Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MS2554 ADPOW-MS2554 Datasheet
91Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MSC1175M ADPOW-MSC1175M Datasheet
143Kb / 4P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com