Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GCM1885C2A4R9DA16 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd

Part # GCM1885C2A4R9DA16
Description  Ceramic Capacitors(SMD)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

GCM1885C2A4R9DA16 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd

  GCM1885C2A4R9DA16 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd GCM1885C2A4R9DA16 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd GCM1885C2A4R9DA16 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd GCM1885C2A4R9DA16 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd GCM1885C2A4R9DA16 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd GCM1885C2A4R9DA16 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd GCM1885C2A4R9DA16 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd GCM1885C2A4R9DA16 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd GCM1885C2A4R9DA16 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
GCM1885C2A4R9DA16_(1608M(0603), C0G(EIA), 4.9pF, DC 100V)
_:Package
Reference Sheet
Product specifications in this catalog are as of Apr.7,2026, and are subject to change or obsolescence without notice.
Please consult the approval sheet before ordering. Please read rating and !Cautions first.
<Reference>Please kindly use our website.
Please refer to the product information page for more information on ceramic capacitors.
→
Ceramic capacitor product information
Various data can be obtained directly from the product search.
→
Product search (SMD)​
■
MURATA Part No. System
①Series
②Dimension
③Dimension
④Temperature
⑤Rated
⑥Capacitance
⑦Capacitance
⑧Individual
⑨Package
(L×W)
(T)
Characteristics
Voltage
Tolerance
Specification
■ Type & Dimension
Size Code:
1608M(0603)
(in mm)
■
Rated Value
⑧Individual Specification : This denotes Murata control code.
■
Package
V
φ330mm Reel PAPER Tape W8P2
30000 pcs./Reel
W
φ180mm Reel PAPER Tape W8P2
8000 pcs./Reel
J
φ330mm Reel PAPER Tape W8P4
10000 pcs./Reel
⑨Package
Packaging
Standard Packing Quantity
D
φ180mm Reel PAPER Tape W8P4
4000 pcs./Reel
Mounting
Method
Temp. coeff. or Cap. Change
Temp. Range
Ref.Temp.
0+/-30 ppm/℃
25 to 125℃
25℃
DC 100V
4.9pF
+/-0.5pF
-55 to 125℃
Flow, Reflow
④Temperature Characteristics [5C]
(Public STD Code:[C0G(EIA)])
⑤Rated
Voltage
⑥
Capacitance
⑦
Capacitance
Tolerance
Operating Temp.
Range
g
1.6+/-0.1
0.8+/-0.1
0.8+/-0.1
0.2 to 0.5
0.5 min.
image:Dimension
② L
② W
③ T
e
2A
4R9
D
A16
D
(Ex.)
GCM
18
8
5C
GCM1885C2A4R9DA16-01A
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com