Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B5047 Datasheet(PDF) 3 Page - EPCOS

Part # B5047
Description  SAW RX Filter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5047 Datasheet(HTML) 3 Page - EPCOS

  B5047 Datasheet HTML 1Page - EPCOS B5047 Datasheet HTML 2Page - EPCOS B5047 Datasheet HTML 3Page - EPCOS B5047 Datasheet HTML 4Page - EPCOS B5047 Datasheet HTML 5Page - EPCOS B5047 Datasheet HTML 6Page - EPCOS B5047 Datasheet HTML 7Page - EPCOS B5047 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
December 12, 2006
B5047
390.0 MHz
SAW Components
SAW Rx Filter
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T = -30 to +70˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω (balanced)
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
390.0
—
MHz
Maximum insertion attenuation
α
max
380.0
...
400.0
MHz
—
3.1
5.0 1)
1) 3.5 dB at 25 ˚C.
dB
Amplitude ripple (p-p)
∆α
380.0
...
400.0
MHz
—
1.1
3.0 2)
2) 1.5 dB at 25 ˚C.
dB
Input VSWR
380.0
...
400.0
MHz
—
2.0
2.3
Output VSWR
380.0
...
400.0
MHz
—
2.1
2.3
Attenuation
α
0.0
...
150.0
MHz
35
54
—
dB
150.0
...
346.0
MHz
30
34
—
dB
346.0
...
370.0
MHz
13
17
—
dB
410.0
...
440.0
MHz
14
17
—
dB
440.0
...
460.0
MHz
20
31
—
dB
460.0
...
542.0
MHz
28
32
—
dB
542.0
...
563.0
MHz
35
40
—
dB
563.0
... 1300.0
MHz
30
34
—
dB
1300.0
... 1526.0
MHz
25
30
—
dB
1526.0
... 2600.0
MHz
16
20
—
dB
2600.0
... 4000.0
MHz
5
28
—
dB
Temperature coefficient of frequency
TCf
—
-70
—
ppm/K



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com