Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1530-8 Datasheet(PDF) 4 Page - STMicroelectronics

Part # 1530-8
Description  RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

1530-8 Datasheet(HTML) 4 Page - STMicroelectronics

  1530-8 Datasheet HTML 1Page - STMicroelectronics 1530-8 Datasheet HTML 2Page - STMicroelectronics 1530-8 Datasheet HTML 3Page - STMicroelectronics 1530-8 Datasheet HTML 4Page - STMicroelectronics 1530-8 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
C1, C3 : 0.6 - 4.5pF, Johanson Gigatrim
C2
: 470pF ATC Chip Capacitor
C4
: 1000pF ATC Chip Capacitor
C5
: 1000
µF, 63V, Electrolytic Capacitor
L1
: 4.5 Turns #22 AWG Wire
Z1
: 500mm Line
Z2
: .450” Wire Line Length .600”
Z3
: 50
Ω Shunt Line
Z4
: .110” x .490”
Z5
: .250” x .700”
Z6
: .250” x .225”
Z7
: Ground
Z8
: .185” x .360”
Z9
: .180” x .120”
TEST CIRCUIT AND PC BOARD LAYOUT
SD1530-08
4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com