Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFZ44VZS Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # IRFZ44VZS
Description  isc N-Channel MOSFET Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IRFZ44VZS Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  IRFZ44VZS Datasheet HTML 1Page - Inchange Semiconductor Company Limited IRFZ44VZS Datasheet HTML 2Page - Inchange Semiconductor Company Limited IRFZ44VZS Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
isc N-Channel MOSFET Transistor
IRFZ44VZS
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS(TC=25℃ unless otherwise specified)
SYMBO
L
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage VGS= 0V; ID= 0.25mA
60
--
--
V
IDSS
Zero Gate Voltage Drain Current
VDS= 60V; VGS= 0V
--
--
20
uA
IGSS
Gate-Body Leakage Current
VGS= ±20V;VDS= 0V
--
--
±
200
nA
VGS(th)
Gate Threshold Voltage
VDS=VGS; ID= 250uA
2.0
--
4.0
V
RDS(on)
Drain-Source On-Resistance
VGS= 10V; ID= 34A
--
--
12
mΩ
VSD
Forward On-Voltage
IS= 34A; VGS= 0V
--
--
1.3
V
gfs
Forward Transconductance
VDS=25V,ID=60A
--
27
--
S
Ciss
Input Capacitance
VGS=0V,VDS=25V,f=1MHz
--
2681
--
pF
Coss
Output Capacitance
--
1018
--
Crss
Reverse Transfer Capacitance
--
484
--
Qg
Total Gate Charge
VDS=28V,VGS=15V,ID=42A
--
117
--
nC
Qgs
Gate-Source Charge
--
15
--
Qgd
Gate-Drain Charge
--
57
--
td(on)
Turn-on Delay Time
VDD=28V,ID=42A,VGS=15V,
RG=25Ω
--
55
--
ns
tr
Turn-on Rise Time
--
145
--
td(off)
Turn-off Delay Time
--
351
--
tf
Turn-off Fall Time
--
227
--
trr
Reverse Recovery Time
--
102
--
ns
Qrr
Reverse Recovery Charge
--
0.35
--
uC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com