Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7221AD Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7221AD
Description  DUAL DIGITAL ISOLATORS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7221AD Datasheet(HTML) 13 Page - Texas Instruments

Back Button ISO7221AD Datasheet HTML 9Page - Texas Instruments ISO7221AD Datasheet HTML 10Page - Texas Instruments ISO7221AD Datasheet HTML 11Page - Texas Instruments ISO7221AD Datasheet HTML 12Page - Texas Instruments ISO7221AD Datasheet HTML 13Page - Texas Instruments ISO7221AD Datasheet HTML 14Page - Texas Instruments ISO7221AD Datasheet HTML 15Page - Texas Instruments ISO7221AD Datasheet HTML 16Page - Texas Instruments ISO7221AD Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
DEVICE I/O SCHEMATICS
OUT
8 W
13 W
IN
750kW
500 W
Input
Output
VCC1 VCC1
VCC1
VCC2
IEC SAFETY LIMITING VALUES
ISO7220A, ISO7220B, ISO7220C, ISO7220M
ISO7221A, ISO7221B, ISO7221C, ISO7221M
www.ti.com ................................................................................................................................................................ SLLS755H – JULY 2006 – REVISED MAY 2008
Safety limiting intends to prevent potential damage to the isolation barrier upon failure of input or output circuitry.
A failure of the IO can allow low resistance to ground or the supply and, without current limiting, dissipate
sufficient power to overheat the die and damage the isolation barrier potentially leading to secondary system
failures.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
θ
JA = 212°C/W, VI = 5.5 V, TJ = 170°C, TA = 25°C
124
Safety input, output, or
IS
SOIC-8
mA
supply current
θ
JA = 212°C/W, VI = 3.6 V, TJ = 170°C, TA = 25°C
190
TS
Maximum case temperature
SOIC-8
150
°C
The safety-limiting constraint is the absolute maximum junction temperature specified in the absolute maximum
ratings table. The power dissipation and junction-to-air thermal impedance of the device installed in the
application hardware determines the junction temperature. The assumed junction-to-air thermal resistance in the
Thermal Characteristics table is that of a device installed in the JESD51-3, Low Effective Thermal Conductivity
Test Board for Leaded Surface Mount Packages and is conservative. The power is the recommended maximum
input voltage times the current. The junction temperature is then the ambient temperature plus the power times
the junction-to-air thermal resistance.
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): ISO7220A ISO7220B ISO7220C ISO7220M ISO7221A ISO7221B ISO7221C ISO7221M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com