Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR176 Datasheet(PDF) 8 Page - STMicroelectronics

Part # SR176
Description  13.56 MHz, 176-bit short range contactless user EEPROM with 64-bit Unique ID
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SR176 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button SR176 Datasheet HTML 4Page - STMicroelectronics SR176 Datasheet HTML 5Page - STMicroelectronics SR176 Datasheet HTML 6Page - STMicroelectronics SR176 Datasheet HTML 7Page - STMicroelectronics SR176 Datasheet HTML 8Page - STMicroelectronics SR176 Datasheet HTML 9Page - STMicroelectronics SR176 Datasheet HTML 10Page - STMicroelectronics SR176 Datasheet HTML 11Page - STMicroelectronics SR176 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
Data transfer
SR176
8/35
3
Data transfer
3.1
Input data transfer from the Reader to the SR176 (request
frame)
The reader that accesses the SR176 must generate a 13.56 MHz sinusoidal carrier wave on
its antenna, with enough energy to “tele-power” the SR176 device. The energy received on
the SR176 antenna is transformed to a power supply voltage by a regulator, and to data bits
through the ASK demodulator. To decode correctly the information sent to the SR176, the
reader must use a 10% amplitude modulation of the 13.56 MHz wave, as represented
(though not to scale) in Figure 3. The data transfer rate is 106 Kbit/second.
Figure 3.
Received wave using ASK modulation
3.2
Character transmission format for request frame
Data Bytes are transmitted and received by the SR176 as 10-bit characters, as shown in
Figure 4, with the least significant bit (b0) transmitted first. These characters, with the
addition of the Start Of Frame (SOF) and the End Of Frame (EOF), are grouped to form a
Command Frame as shown in Figure 10. The frame includes an SOF, instructions,
addresses, data, a CRC and an EOF as defined by ISO 14443-3 Type B. If an error is
detected during the data transfer, no error frame is generated by the SR176, and the
instruction is not executed.
Each bit duration is referred to as an ETU (Elementary Time Unit). One ETU is equal to
9.44 µs (1/106 kHz).
3.3
Request start of frame
The SOF, as shown in Figure 5, consists of:
●
one falling edge
●
followed by 10 ETUs at logic 0
●
followed by one single rising edge
●
followed by at least 2 ETUs (but no more than 3 ETUs) at logic 1.
One bit time is 1/106kHz
AI09058
Data Bit Transmit
to the SR176
13.5MHz 10% ASK
Modulation Generated
by the Reader



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com