| Electronic Components Datasheet Search |
|
MSP430F437IPZ Datasheet(PDF) 39 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
MSP430F437IPZ Datasheet(HTML) 39 Page - Texas Instruments |
|
39 / 73 page ![]() MSP430x43x1, MSP430x43x, MSP430x44x MIXED SIGNAL MICROCONTROLLER SLAS344F − JANUARY 2002 − REVISED MAY 2007 39 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics over recommended operating free-air temperature (unless otherwise noted) (continued) Comparator_A (see Note 1) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT I CAON 1 CARSEL 0 CAREF 0 VCC = 2.2 V 25 40 A I(CC) CAON=1, CARSEL=0, CAREF=0 VCC = 3 V 45 60 μA I CAON=1, CARSEL=0, CAREF=1/2/3, VCC = 2.2 V 30 50 A I(Refladder/RefDiode) CAON=1, CARSEL=0, CAREF=1/2/3, No load at P1.6/CA0 and P1.7/CA1 VCC = 3 V 45 71 μA V(Ref025) Voltage @ 0.25 V CC node V CC PCA0=1, CARSEL=1, CAREF=1, No load at P1.6/CA0 and P1.7/CA1 VCC = 2.2 V / 3 V 0.23 0.24 0.25 V(Ref050) Voltage @ 0.5 V CC node V CC PCA0=1, CARSEL=1, CAREF=2, No load at P1.6/CA0 and P1.7/CA1 VCC = 2.2V / 3 V 0.47 0.48 0.5 V See Figure 6 and Figure 7 PCA0=1, CARSEL=1, CAREF=3, No load at P1 6/CA0 and P1 7/CA1; VCC = 2.2 V 390 480 540 mV V(RefVT) See Figure 6 and Figure 7 No load at P1.6/CA0 and P1.7/CA1; TA = 85°C VCC = 3 V 400 490 550 mV VIC Common-mode input voltage range CAON=1 VCC = 2.2 V / 3 V 0 VCC−1 V Vp−VS Offset voltage See Note 2 VCC = 2.2 V / 3 V −30 30 mV Vhys Input hysteresis CAON = 1 VCC = 2.2 V / 3 V 0 0.7 1.4 mV TA = 25°C, VCC = 2.2 V 160 210 300 ns t TA = 25 C, Overdrive 10 mV, without filter: CAF = 0 VCC = 3 V 80 150 240 ns t(response LH) TA = 25°C VCC = 2.2 V 1.4 1.9 3.4 s TA = 25 C Overdrive 10 mV, with filter: CAF = 1 VCC = 3 V 0.9 1.5 2.6 μs TA = 25°C VCC = 2.2 V 130 210 300 ns t TA = 25 C Overdrive 10 mV, without filter: CAF = 0 VCC = 3 V 80 150 240 ns t(response HL) TA = 25°C, VCC = 2.2 V 1.4 1.9 3.4 s TA = 25 C, Overdrive 10 mV, with filter: CAF = 1 VCC = 3 V 0.9 1.5 2.6 μs NOTES: 1. The leakage current for the Comparator_A terminals is identical to Ilkg(Px.x) specification. 2. The input offset voltage can be cancelled by using the CAEX bit to invert the Comparator_A inputs on successive measurements. The two successive measurements are then summed together. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |