| Electronic Components Datasheet Search |
|
MSP430F447IPZ Datasheet(PDF) 22 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
MSP430F447IPZ Datasheet(HTML) 22 Page - Texas Instruments |
|
22 / 73 page ![]() MSP430x43x1, MSP430x43x, MSP430x44x MIXED SIGNAL MICROCONTROLLER SLAS344F − JANUARY 2002 − REVISED MAY 2007 22 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 special function registers Most interrupt and module-enable bits are collected in the lowest address space. Special-function register bits not allocated to a functional purpose are not physically present in the device. This arrangement provides simple software access. interrupt enable 1 and 2 76 5 4 0 UTXIE0 OFIE WDTIE 32 1 rw–0 rw–0 rw–0 Address 0h URXIE0 ACCVIE NMIIE rw–0 rw–0 rw–0 WDTIE: Watchdog-timer interrupt enable. Inactive if watchdog mode is selected. Active if watchdog timer is configured in interval timer mode. OFIE: Oscillator-fault-interrupt enable NMIIE: Nonmaskable-interrupt enable ACCVIE: Flash access violation interrupt enable URXIE0: USART0: UART and SPI receive-interrupt enable UTXIE0: USART0: UART and SPI transmit-interrupt enable 76 5 4 0 UTXIE1 32 1 rw–0 rw–0 Address 01h URXIE1 rw–0 BTIE URXIE1: USART1: UART and SPI receive-interrupt enable (MSP430F44x devices only) UTXIE1: USART1: UART and SPI transmit-interrupt enable (MSP430F44x devices only) BTIE: Basic timer interrupt enable interrupt flag register 1 and 2 76 5 4 0 UTXIFG0 OFIFG WDTIFG 32 1 rw–0 rw–1 rw–(0) Address 02h URXIFG0 NMIIFG rw–1 rw–0 WDTIFG: Set on watchdog timer overflow (in watchdog mode) or security key violation. Reset on VCC power up or a reset condition at the RST/NMI pin in reset mode. OFIFG: Flag set on oscillator fault NMIIFG: Set via RST/NMI pin URXIFG0: USART0: UART and SPI receive flag UTXIFG0: USART0: UART and SPI transmit flag 76 5 4 0 UTXIFG1 32 1 rw–1 rw–0 Address 03h URXIFG1 BTIFG rw URXIFG1: USART1: UART and SPI receive flag (MSP430F44x devices only) UTXIFG1: USART1: UART and SPI transmit flag (MSP430F44x devices only) BTIFG: Basic timer flag |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |