Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM1052 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TSM1052
Description  Constant voltage and constant current controller for battery chargers and adapters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM1052 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TSM1052 Datasheet HTML 5Page - STMicroelectronics TSM1052 Datasheet HTML 6Page - STMicroelectronics TSM1052 Datasheet HTML 7Page - STMicroelectronics TSM1052 Datasheet HTML 8Page - STMicroelectronics TSM1052 Datasheet HTML 9Page - STMicroelectronics TSM1052 Datasheet HTML 10Page - STMicroelectronics TSM1052 Datasheet HTML 11Page - STMicroelectronics TSM1052 Datasheet HTML 12Page - STMicroelectronics TSM1052 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
TSM1052
Application information
9/15
4.2.2
Current control
The current loop is controlled via the second trans-conductance operational amplifier, the
sense resistor Rsense, and the optocoupler. The control equation verifies:
Equation 2
where Ilim is the desired limited current, and VSENSE is the threshold voltage for the current
control loop.
As an example, with Ilim = 1 A, VSENSE = 200 mV, then RSENSE = 200 mΩ.
Note:
The Rsense resistor should be chosen taking into account the maximum dissipation (Plim)
through it during full load operation.
Equation 3
As an example, with Ilim = 1 A, and Vsense = 200 mV, Plim = 200 mW.
Therefore, for most adapter and battery charger applications, a quarter-watt, or half-watt
resistor is sufficient. VSENSE threshold is made internally by a voltage divider tied to the Vref
voltage reference. Its middle point is tied to the positive input of the current control
operational amplifier, and its foot is to be connected to lower potential point of the sense
resistor as shown in Figure 15 on page 8. The resistors of this voltage divider are matched
to provide the best possible accuracy. The current sinking outputs of the two
transconductance operational amplifiers are common (to the output of the IC). This makes
an ORing function which ensures either the voltage control or the current control, driving the
optocoupler's photodiode to transmit the feedback to the primary side.
The relation between the controlled current and the controlled output voltage can be
described with a square characteristic as shown in the following V/I output-power diagram.
(with the power supply of the device indipendent of the output voltage)
a)
b)
lim
sense
sense
I
V
R
=
sense
lim
sense
V
I
R
=
lim
sense
lim
I
V
P
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com