Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT-Q39G Datasheet(PDF) 9 Page - ams-OSRAM AG

Part # LT-Q39G
Description  Chip LED 0603
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LT-Q39G Datasheet(HTML) 9 Page - ams-OSRAM AG

Back Button LT-Q39G Datasheet HTML 5Page - ams-OSRAM AG LT-Q39G Datasheet HTML 6Page - ams-OSRAM AG LT-Q39G Datasheet HTML 7Page - ams-OSRAM AG LT-Q39G Datasheet HTML 8Page - ams-OSRAM AG LT-Q39G Datasheet HTML 9Page - ams-OSRAM AG LT-Q39G Datasheet HTML 10Page - ams-OSRAM AG LT-Q39G Datasheet HTML 11Page - ams-OSRAM AG LT-Q39G Datasheet HTML 12Page - ams-OSRAM AG LT-Q39G Datasheet HTML 13Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LT Q39G
DATASHEET
DATASHEET
9 | Version 1.11 | 2026-01-06
Forward current 7), 8)
I
F = f(VF); TA = 25 °C
LT Q39G
2,42,6
2,83,0
VF [V]
1
2
3
4
5
10
IF [mA]
Relative Luminous Intensity 7), 8)
I
v/Iv(5 mA) = f(IF); TA = 25 °C
LT Q39G
IF [mA]
0,3
0,4
0,5
0,6
0,7
0,8
0,9
1
2
IV
IV(5mA)
Dominant Wavelength 7)
Δλ
dom = f(IF); TA = 25 °C
LT Q39G
IF [mA]
520
525
530
535
540
545
550
λ dom [nm]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com