Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT-VH9G Datasheet(PDF) 19 Page - ams-OSRAM AG

Part # LT-VH9G
Description  FIREFLY® 0402
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LT-VH9G Datasheet(HTML) 19 Page - ams-OSRAM AG

Back Button LT-VH9G Datasheet HTML 15Page - ams-OSRAM AG LT-VH9G Datasheet HTML 16Page - ams-OSRAM AG LT-VH9G Datasheet HTML 17Page - ams-OSRAM AG LT-VH9G Datasheet HTML 18Page - ams-OSRAM AG LT-VH9G Datasheet HTML 19Page - ams-OSRAM AG LT-VH9G Datasheet HTML 20Page - ams-OSRAM AG LT-VH9G Datasheet HTML 21Page - ams-OSRAM AG LT-VH9G Datasheet HTML 22Page - ams-OSRAM AG LT-VH9G Datasheet HTML 23Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LT VH9G
DATASHEET
DATASHEET
19 | Version 1.6 | 2023-02-07
C
Chhiipp TTeecchhnnoollooggyy::
G
G::
ThinGaN (Thinfilm InGaN)
(Subcon: Sapphire)
FF::
Thinfilm InGaAlP
EEnnccaappssuullaanntt TTyyppee // LLeennss PPrrooppeerrttiieess
88::
White volume conversion
99::
Clear resin
W
Waavveelleennggtthh
EEm
miissssiioonn C
Coolloorr
C
Coolloorr ccoooorrddiinnaatteess aaccccoorrddiinngg
((λλddoomm ttyypp..))
C
CIIEE 11993311//EEm
miissssiioonn ccoolloorr::
BB::
470 nm
blue
W
W::
white
TT::
528 nm
true green
R
R::
625 nm
red
LL::
Light
emitting
diode
PPaacckkaaggee TTyyppee
VV::
Toplooker, Leadframe
based, White package
w/o reflector
LLeeaadd // PPaacckkaaggee PPrrooppeerrttiieess
H
H::
Footprint: 0402 / Height: 0,35 mm
TTyyppee D
Deessiiggnnaattiioonn SSyysstteem
m
LL
BB
VV
H
H
99
G
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com