Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP2HDMM3MH Datasheet(PDF) 4 Page - StarTech.com Ltd.

Part # CDP2HDMM3MH
Description  9.8ft (3m) USB C to HDMI Cable 4K 60Hz w/HDR10 - Ultra HD USB Type-C to 4K HDMI 2.0b Video Adapter Cable - USB-C to HDMI HDR Monitor/Display Converter - DP 1.4 Alt Mode HBR3
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

CDP2HDMM3MH Datasheet(HTML) 4 Page - StarTech.com Ltd.

  CDP2HDMM3MH Datasheet HTML 1Page - StarTech.com Ltd. CDP2HDMM3MH Datasheet HTML 2Page - StarTech.com Ltd. CDP2HDMM3MH Datasheet HTML 3Page - StarTech.com Ltd. CDP2HDMM3MH Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Product Length
9.8 ft [3.0 m]
Product Width
0.9 in [2.2 cm]
Product Height
0.5 in [1.2 cm]
Weight of Product
4.3 oz [123.0 g]
Packaging
Information
Package Quantity
1
Package Length
7.9 in [20.0 cm]
Package Width
8.6 in [21.8 cm]
Package Height
0.9 in [2.2 cm]
Shipping (Package)
Weight
4.6 oz [131.0 g]
What's in the Box
Included in Package
1 - USB-C to HDMI Adapter Cable (3m)
*Product appearance and specifications are subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com