Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP2HDMM4MH Datasheet(PDF) 3 Page - StarTech.com Ltd.

Part # CDP2HDMM4MH
Description  13ft (4m) USB C to HDMI Cable 4K 60Hz w/ HDR10 - Ultra HD USB Type-C to 4K HDMI 2.0b Video Adapter Cable - USB-C to HDMI HDR Monitor/Display Converter - DP 1.4 Alt Mode HBR3
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

CDP2HDMM4MH Datasheet(HTML) 3 Page - StarTech.com Ltd.

  CDP2HDMM4MH Datasheet HTML 1Page - StarTech.com Ltd. CDP2HDMM4MH Datasheet HTML 2Page - StarTech.com Ltd. CDP2HDMM4MH Datasheet HTML 3Page - StarTech.com Ltd. CDP2HDMM4MH Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Active or Passive Adapter
Active
AV Input
USB-C
AV Output
HDMI - 2.0
Industry Standards
HDMI 2.0b
DisplayPort 1.4
Chipset ID
Realtek RTD2172AU
Performance
Video Revision
HDMI 2.0b
Supported Resolutions
HDMI: 3840x2160 (4K) / 60Hz
Lower resolutions and refresh rates may also be supported
Wide Screen Supported
Yes
Bandwidth
HBR3
Audio Specifications
HDMI - 7.1 Channel Audio
Connector(s)
Connector A
1 - USB-C (24 pin) DisplayPort Alt Mode
Connector B
1 - HDMI (19 pin)
Special Notes /
Requirements
Note
Your USB-C port must support DisplayPort over USB-C (DP Alt
mode) in order to work with this adapter.
In order to achieve maximum performance of this product, both
the source and destination devices must support the appropriate
specifications
Environmental
Operating Temperature
-20C to 60C (-4F to 140F)
Storage Temperature
-20C to 80C (-4F to 176F)
Humidity
0% to 85 % RH (no condensation)
Physical
Characteristics
Color
Space Gray



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com