Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISPLSI3192 Datasheet(PDF) 4 Page - Lattice Semiconductor

Part # ISPLSI3192
Description  High Density Programmable Logic
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI3192 Datasheet(HTML) 4 Page - Lattice Semiconductor

  ISPLSI3192 Datasheet HTML 1Page - Lattice Semiconductor ISPLSI3192 Datasheet HTML 2Page - Lattice Semiconductor ISPLSI3192 Datasheet HTML 3Page - Lattice Semiconductor ISPLSI3192 Datasheet HTML 4Page - Lattice Semiconductor ISPLSI3192 Datasheet HTML 5Page - Lattice Semiconductor ISPLSI3192 Datasheet HTML 6Page - Lattice Semiconductor ISPLSI3192 Datasheet HTML 7Page - Lattice Semiconductor ISPLSI3192 Datasheet HTML 8Page - Lattice Semiconductor ISPLSI3192 Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Specifications ispLSI 3192
4
Absolute Maximum Ratings 1
Supply Voltage Vcc .................................. -0.5 to +7.0V
Input Voltage Applied ........................ -2.5 to VCC +1.0V
Off-State Output Voltage Applied ..... -2.5 to VCC +1.0V
Storage Temperature ................................ -65 to 150°C
Case Temp. with Power Applied .............. -55 to 125°C
Max. Junction Temp. (TJ) with Power Applied ... 150°C
1. Stresses above those listed under the “Absolute Maximum Ratings” may cause permanent damage to the device. Functional
operation of the device at these or at any other conditions above those indicated in the operational sections of this specification
is not implied (while programming, follow the programming specifications).
DC Recommended Operating Condition
SYMBOL
Table 2 - 0005/3192
VCC
VIH
VIL
PARAMETER
Supply Voltage
Input High Voltage
Input Low Voltage
Commercial
TA = 0°C to +70°C
Industrial
TA = -40°C to +85°C
MIN.
MAX.
UNITS
4.75
4.5
2.0
0
5.25
5.5
V
+1
0.8
V
V
V
V
CC
Capacitance (T
A=25°C,f=1.0 MHz)
SYMBOL
Table 2 - 0006/3192
C
PARAMETER
Clock Capacitance
15
UNITS
TYPICAL
TEST CONDITIONS
2
pf
V = 5.0V, V = 2.0V
CC
Y
C
I/O Capacitance
10
1
pf
V = 5.0V, V
= 2.0V
CC
I/O
Data Retention Specifications
Table 2- 0008B
PARAMETER
Data Retention
MINIMUM
MAXIMUM
UNITS
ispLSI Erase/Reprogram Cycles
20
10000
–
–
Years
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com