Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD1563 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SD1563
Description  RF & MICROWAVE TRANSISTORS UHF PULSED APPLICATIONS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1563 Datasheet(HTML) 1 Page - STMicroelectronics

  SD1563 Datasheet HTML 1Page - STMicroelectronics SD1563 Datasheet HTML 2Page - STMicroelectronics SD1563 Datasheet HTML 3Page - STMicroelectronics SD1563 Datasheet HTML 4Page - STMicroelectronics SD1563 Datasheet HTML 5Page - STMicroelectronics SD1563 Datasheet HTML 6Page - STMicroelectronics SD1563 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UHF PULSED APPLICATIONS
RF & MICROWAVE TRANSISTORS
. 400 x .400 2LFL (M106)
hermetically sealed
.
350 WATTS @ 10
µSEC PULSE WIDTH,
10% DUTY CYCLE
.
300 WATTS @ 250
µSEC PULSE WIDTH,
10% DUTY CYCLE
.
9.5 dB MIN. GAIN
.
REFRACTORY GOLD METALLIZATION
.
EMITTER BALLASTING AND LOW
THERMAL RESISTANCE FOR
RELIABILITY AND RUGGEDNESS
.
INFINITE VSWR CAPABILITY AT
SPECIFIED OPERATING CONDITIONS
DESCRIPTION
The SD1563 is a gold metallized silicon NPN pulse
power transistor. The SD1563 is designed for ap-
plications requiring high peak power and low duty
cycles within the frequency range of 400 - 500
MHz.
PIN CONNECTION
BRANDING
SD1563
ORDER CODE
SD1563
ABSOLUTE MAXIMUM RATINGS (Tcase
= 25°C)
Symbol
Parameter
Value
Uni t
VCBO
Collector-Base Voltage
65
V
VCES
Collector-Emitter Voltage
65
V
VEBO
Emitter-Base Voltage
3.5
V
IC
Device Current
21.6
A
PDISS
Power Dissipation
875
W
TJ
Junction Temperature
+200
°C
TSTG
Storage Temperature
− 65 to +150
°C
RTH(j-c)
Junction-Case Thermal Resistance
0.2
°C/W
SD1563
1. Collector
3. Emitter
2. Base
4. Base
THERMAL DATA
September 7, 1994
1/7


Similar Part No. - SD1563

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SD1564 MICROSEMI-SD1564 Datasheet
596Kb / 4P
RF & MICROWAVE TRANSISTORS UHF PULSE POWER
logo
STMicroelectronics
SD1565 STMICROELECTRONICS-SD1565 Datasheet
107Kb / 6P
RF & MICROWAVE TRANSISTORS UHF PULSED APPLICATIONS
19-Jul-1994
More results

Similar Description - SD1563

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM80610-030 STMICROELECTRONICS-AM80610-030 Datasheet
44Kb / 3P
RF & MICROWAVE TRANSISTORS UHF COMMUNICATIONS APPLICATIONS
rev. A
SD1135 STMICROELECTRONICS-SD1135 Datasheet
52Kb / 4P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
Oct-1992
SD1434 STMICROELECTRONICS-SD1434 Datasheet
73Kb / 5P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
Oct-1992
SD1565 STMICROELECTRONICS-SD1565 Datasheet
107Kb / 6P
RF & MICROWAVE TRANSISTORS UHF PULSED APPLICATIONS
19-Jul-1994
logo
Advanced Power Technolo...
MS1480 ADPOW-MS1480 Datasheet
96Kb / 3P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
MS2200 ADPOW-MS2200 Datasheet
201Kb / 6P
RF AND MICROWAVE TRANSISTORS UHF PULSED APPLICATIONS
SD4012 ADPOW-SD4012 Datasheet
106Kb / 3P
RF & MICROWAVE TRANSISTORS UHF COMMUNICATIONS APPLICATIONS
MS2176 ADPOW-MS2176 Datasheet
203Kb / 6P
RF AND MICROWAVE TRANSISTORS UHF PULSED APPLICATIONS
SD1422 ADPOW-SD1422 Datasheet
126Kb / 4P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
logo
New Jersey Semi-Conduct...
SD1536 NJSEMI-SD1536 Datasheet
91Kb / 3P
RF & MICROWAVE TRANSISTORS UHF PULSED APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com