Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD1565 Datasheet(PDF) 5 Page - STMicroelectronics

Part # SD1565
Description  RF & MICROWAVE TRANSISTORS UHF PULSED APPLICATIONS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1565 Datasheet(HTML) 5 Page - STMicroelectronics

  SD1565 Datasheet HTML 1Page - STMicroelectronics SD1565 Datasheet HTML 2Page - STMicroelectronics SD1565 Datasheet HTML 3Page - STMicroelectronics SD1565 Datasheet HTML 4Page - STMicroelectronics SD1565 Datasheet HTML 5Page - STMicroelectronics SD1565 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
IMPEDANCE DATA (P.W.
= 60µS, D.C. = 2%)
TYPICAL INPUT IMPEDANCE
TYPICAL COLLECTOR LOAD
IMPEDANCE
C3, C5
: 8pF 50 mil square
C4, C8
: .4 - 4.5pF Johanson JMC #27273
C6
: 39pF 50mil square
C7
: 39pF Chip Capacitor
C9
: 20pF Chip Capacitor
C10
: 12pF Chip Capacitor
C12, C15 : .1
µF
C13, C16 : 1000pF Chip Capacitor
C14, C17 : 1000
µF
L1, L2 : 1” PC #18 Tinned Wire (mounted flat to PC Board)
L3, L4 : 2T #18 Tinned Wire, 0.25” I.D.
Baluns are 4.8” UT-141 Coax, Spaced to fit from coax
connectors to the 25 Ohm lines.
Note:
3M Epsilom 6 PC Board .030” Thick
TEST CIRCUIT
SD1565
5/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com