Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB070DS23 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LB070DS23
Description  70MHz SAW Filter 24MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LB070DS23 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LB070DS23 Datasheet HTML 1Page - SIPAT Co,Ltd LB070DS23 Datasheet HTML 2Page - SIPAT Co,Ltd LB070DS23 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LB070DS23
Rev. Date
2006-12-26
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
70MHz SAW Filter
24MHz Bandwidth
Part Number: LB070DS23
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
69.8
70
70.2
Insertion Loss
dB
-
13.6
17
1 dB Bandwidth
MHz
-
24.61
-
2 dB Bandwidth
MHz
22.9
25.4
-
3 dB Bandwidth
MHz
24
25.85
-
40 dB Bandwidth
MHz
-
31.34
32
Passband Variation
dB
-
0.5
1
Absolute Delay
usec
-
0.924
-
Phase Linearity(f0±10.8MHz)
deg
-
7
12
Group Delay Variation(f0±10.8MHz)
nsec
-
50
100
Ultimate Rejection
dB
-
43
-
Material Temperature coefficient
KHz/°C
-6.58
Ambient Temperature
°C
25
Package Size
SMD13.3*6.5mm2
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
L1=180nH L2=142nH
C1=33pF
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
C1
INPUT
OUTPUT
50Ω
50Ω
L1
L2


Similar Part No. - LB070DS23

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB070DS23 SIPAT-LB070DS23 Datasheet
148Kb / 3P
70MHz SAW Filter
More results

Similar Description - LB070DS23

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN70A24 SIPAT-LBN70A24 Datasheet
142Kb / 3P
70MHz SAW Filter 24MHz Bandwidth
LBN70A56 SIPAT-LBN70A56 Datasheet
148Kb / 3P
70MHz SAW Filter 24MHz Bandwidth
LBN09009 SIPAT-LBN09009 Datasheet
137Kb / 3P
90MHz SAW Filter 24MHz Bandwidth
LBN16041 SIPAT-LBN16041 Datasheet
138Kb / 3P
160MHz SAW Filter 24MHz Bandwidth
LBN13504 SIPAT-LBN13504 Datasheet
137Kb / 3P
135MHz SAW Filter 24MHz Bandwidth
LBN13809 SIPAT-LBN13809 Datasheet
145Kb / 3P
138.24MHz SAW Filter 24MHz Bandwidth
LBN07707 SIPAT-LBN07707 Datasheet
152Kb / 3P
76.8MHz SAW Filter 24MHz Bandwidth
LBN10708 SIPAT-LBN10708 Datasheet
150Kb / 3P
107MHz SAW Filter 24MHz Bandwidth
LBN11573 SIPAT-LBN11573 Datasheet
291Kb / 3P
115MHz SAW Filter 24MHz Bandwidth
LBN14089 SIPAT-LBN14089 Datasheet
143Kb / 3P
140MHz SAW Filter 24MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com