Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV-W5AM Datasheet(PDF) 1 Page - ams-OSRAM AG

Part # LV-W5AM
Description  Golden DRAGON® Plus
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LV-W5AM Datasheet(HTML) 1 Page - ams-OSRAM AG

  LV-W5AM Datasheet HTML 1Page - ams-OSRAM AG LV-W5AM Datasheet HTML 2Page - ams-OSRAM AG LV-W5AM Datasheet HTML 3Page - ams-OSRAM AG LV-W5AM Datasheet HTML 4Page - ams-OSRAM AG LV-W5AM Datasheet HTML 5Page - ams-OSRAM AG LV-W5AM Datasheet HTML 6Page - ams-OSRAM AG LV-W5AM Datasheet HTML 7Page - ams-OSRAM AG LV-W5AM Datasheet HTML 8Page - ams-OSRAM AG LV-W5AM Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
2015-12-14
1
2015-12-14
Golden DRAGON
® Plus
Datasheet
Version 1.2
LV W5AM
This Golden DRAGON® family member allows the
design of small size high brightness light sources,
while meeting highest lifetime requirements.
Dieses Mitglied der Golden-DRAGON®-Familie
ermöglicht die Entwicklung kleiner und dennoch heller
Lichtquellen - unter höchsten Ansprüchen an deren
Lebenserwartung.
Features:
Besondere Merkmale:
•
Package: white SMT package with clear silicone
lens, chip level conversion
•
Gehäusetyp: white SMT package with clear
silicone lens, chip level conversion
•
Technology: ThinGaN
•
Technologie: ThinGaN
•
Viewing angle at 50 % I
V: 170°
•
Abstrahlwinkel bei 50 % I
V: 170°
•
Luminous Flux: typ. 67 lm
•
Lichtstrom: typ. 67 lm
•
Luminous efficacy: typ. 58 lm/W
•
Lichtausbeute: typ. 58 lm/W
Applications
Anwendungen
•
Traffic lights and signaling
•
Ampel- und Signalanlagen
•
Backlighting (switches, keys, displays, illuminated
advertising, general lighting...)
•
Hinterleuchtung (LCD, Handy, Schalter, Tasten,
Displays, Werbebeleuchtung,
Allgemeinbeleuchtung)
•
Architectural lighting
•
Architekturbeleuchtung
•
Outdoor lighting
•
Außenbeleuchtung
•
Accent and effect lighting
•
Akzent- und Effektbeleuchtung
•
Channel letters
•
Leuchtlettern
•
Marker lights (e.g. steps, exit ways, etc.)
•
Markierungsbeleuchtnung (z.B. Stufen,
Fluchtwege, etc.)
•
Color: 505 nm (verde green)
•
Farbe: 505 nm (verde grün)


Similar Part No. - LV-W5AM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LV-W5AM OSRAM-LV-W5AM Datasheet
906Kb / 20P
white SMD package with clear silicone lens
More results

Similar Description - LV-W5AM

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
OPGD1002 DIALIGHT-OPGD1002 Datasheet
126Kb / 2P
OSRAM GOLDEN DRAGON ADHESIVE-BACKED LENS
logo
OSRAM GmbH
LYW5SM OSRAM-LYW5SM Datasheet
645Kb / 21P
Golden DRAGON
LTW5AM OSRAM-LTW5AM Datasheet
1Mb / 23P
Golden DRAGON Plus
LAW5SM OSRAM-LAW5SM_18 Datasheet
1Mb / 22P
Golden DRAGON
logo
Ledil, Inc.
FA10642 LEDIL-FA10642_18 Datasheet
2Mb / 5P
~16째 diffused spot beam optimized for Osram Golden Dragon
FA10643 LEDIL-FA10643_18 Datasheet
3Mb / 4P
~30째 medium beam optimized for Osram Golden Dragon
CA11848 LEDIL-CA11848_18 Datasheet
2Mb / 4P
~30째 medium beam optimized for Osram Golden Dragon
CA12047 LEDIL-CA12047_18 Datasheet
2Mb / 4P
~35째 15째 oval beam optimized for Osram Golden Dragon
CP10444 LEDIL-CP10444 Datasheet
943Kb / 4P
~20째 smooth spot beam optimized for Golden Dragon
CP11626 LEDIL-CP11626 Datasheet
1Mb / 4P
~15째 spot beam optimized for Golden Dragon
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com