Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LW-E67C Datasheet(PDF) 7 Page - ams-OSRAM AG

Part # LW-E67C
Description  Power TOPLED®
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LW-E67C Datasheet(HTML) 7 Page - ams-OSRAM AG

Back Button LW-E67C Datasheet HTML 3Page - ams-OSRAM AG LW-E67C Datasheet HTML 4Page - ams-OSRAM AG LW-E67C Datasheet HTML 5Page - ams-OSRAM AG LW-E67C Datasheet HTML 6Page - ams-OSRAM AG LW-E67C Datasheet HTML 7Page - ams-OSRAM AG LW-E67C Datasheet HTML 8Page - ams-OSRAM AG LW-E67C Datasheet HTML 9Page - ams-OSRAM AG LW-E67C Datasheet HTML 10Page - ams-OSRAM AG LW-E67C Datasheet HTML 11Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
LW E67C
DATASHEET
DATASHEET
7 | Version 1.3 | 2022-11-16
Chromaticity Coordinate Groups 3)
OHA13327
520
530
540
550
560
570
580
590
600
610
620
630
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.10.2
0.30.4
0.50.6
0.70.8
0.9
510
500
490
480
470
450
460
0.20
+
E
Cy
Cx
Cx
Cy
0.22
0.24
0.26
0.28
0.30
0.32
0.34
0.36
0.38
0.40
0.42
0.21
0.23
0.25
0.27
0.29
0.31
0.33
0.35
0.37
0.39
0.41
5K
6K
7K
8K
5L
6L
7L
8L
+
Chromaticity Coordinate Groups 3)
Group
Cx
Cy
5K
0.2960
0.2590
0.2910
0.2680
0.3100
0.2970
0.3130
0.2840
5L
0.2910
0.2680
0.2850
0.2790
0.3070
0.3120
0.3100
0.2970
6K
0.3130
0.2840
0.3100
0.2970
0.3300
0.3300
0.3300
0.3100
Group
Cx
Cy
6L
0.3100
0.2970
0.3070
0.3120
0.3300
0.3470
0.3300
0.3300
7K
0.3300
0.3100
0.3300
0.3300
0.3380
0.3420
0.3520
0.3440
7L
0.3300
0.3300
0.3300
0.3470
0.3470
0.3710
0.3450
0.3520
Group
Cx
Cy
8K
0.3520
0.3440
0.3380
0.3420
0.3640
0.3800
0.3600
0.3570
8L
0.3450
0.3520
0.3470
0.3710
0.3670
0.4010
0.3640
0.3800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com