Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LW-M67D Datasheet(PDF) 6 Page - ams-OSRAM AG

Part # LW-M67D
Description  Mini TOPLED®
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LW-M67D Datasheet(HTML) 6 Page - ams-OSRAM AG

Back Button LW-M67D Datasheet HTML 2Page - ams-OSRAM AG LW-M67D Datasheet HTML 3Page - ams-OSRAM AG LW-M67D Datasheet HTML 4Page - ams-OSRAM AG LW-M67D Datasheet HTML 5Page - ams-OSRAM AG LW-M67D Datasheet HTML 6Page - ams-OSRAM AG LW-M67D Datasheet HTML 7Page - ams-OSRAM AG LW-M67D Datasheet HTML 8Page - ams-OSRAM AG LW-M67D Datasheet HTML 9Page - ams-OSRAM AG LW-M67D Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
LW M67D
DATASHEET
DATASHEET
6 | Version 1.1 | 2023-03-23
Brightness Groups
Group
Luminous Intensity 1)
Luminous Intensity 1)
Luminous Flux 6)
I
F = 1.5 mA
I
F = 1.5 mA
I
F = 1.5 mA
min.
max.
typ.
I
v
I
v
Φ
V
P2
56 mcd
71 mcd
190 mlm
Q1
71 mcd
90 mcd
240 mlm
Q2
90 mcd
112 mcd
300 mlm
R1
112 mcd
140 mcd
380 mlm
R2
140 mcd
180 mcd
480 mlm
Forward Voltage Groups
Group
Forward Voltage 4)
Forward Voltage 4)
I
F = 1.5 mA
I
F = 1.5 mA
min.
max.
V
F
V
F
S6
2.40 V
2.70 V
Z6
2.70 V
3.00 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com