Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB079DS02 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LB079DS02
Description  78.5MHz Low-loss SAW Filter 20MHz Bandwidth
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LB079DS02 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LB079DS02 Datasheet HTML 1Page - SIPAT Co,Ltd LB079DS02 Datasheet HTML 2Page - SIPAT Co,Ltd LB079DS02 Datasheet HTML 3Page - SIPAT Co,Ltd LB079DS02 Datasheet HTML 4Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LB079DS02
Rev. Date
2007-04-20
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Ver.
1.0
Page 1/4
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
78.5MHz Low-loss SAW Filter
20MHz Bandwidth
Part Number: LB079DS02
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
78.3
78.5
78.7
Insertion Loss
dB
-
11
16
1 dB Bandwidth
MHz
18.9
19.62
-
3 dB Bandwidth
MHz
20
21
-
35 dB Bandwidth
MHz
-
24.46
26.1
Passband Variation
dB
-
0.7
1
Absolute Delay
usec
-
1.2
-
Group Delay Variation(f0±9MHz)
nsec
-
110
-
Material Temperature coefficient
KHz/°C
-7.38
Ambient Temperature
°C
25
Package Size
SMD13.3*6.5A
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
L1=150nH L2=110nH
C1=56pF C2=47pF
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
C1
INPUT
OUTPUT
50Ω
50Ω
L1
L2
C2


Similar Part No. - LB079DS02

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB079DS02 SIPAT-LB079DS02 Datasheet
164Kb / 4P
78.5MHz Low-loss SAW Filter
More results

Similar Description - LB079DS02

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN11542 SIPAT-LBN11542 Datasheet
138Kb / 3P
115MHz SAW Filter 20MHz Bandwidth
LBN11553 SIPAT-LBN11553 Datasheet
142Kb / 3P
115MHz SAW Filter 20MHz Bandwidth
LBN16027 SIPAT-LBN16027 Datasheet
138Kb / 3P
160MHz SAW Filter 20MHz Bandwidth
LBN16504 SIPAT-LBN16504 Datasheet
147Kb / 3P
165MHz SAW Filter 20MHz Bandwidth
LBN14081 SIPAT-LBN14081 Datasheet
138Kb / 3P
140MHz SAW Filter 20MHz Bandwidth
LBN140A14 SIPAT-LBN140A14 Datasheet
193Kb / 3P
140MHz SAW Filter 20MHz Bandwidth
LBN140A29 SIPAT-LBN140A29 Datasheet
193Kb / 3P
140MHz SAW Filter 20MHz Bandwidth
LBN15403 SIPAT-LBN15403 Datasheet
151Kb / 3P
153.6MHz SAW Filter 20MHz Bandwidth
LB079DS02 SIPAT-LB079DS02 Datasheet
164Kb / 4P
78.5MHz Low-loss SAW Filter
LBN11542 SIPAT-LBN11542 Datasheet
143Kb / 3P
115MHz SAW Filter 20MHz Bandwidth
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com