Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78P341 Datasheet(PDF) 16 Page - ELAN Microelectronics Corp

Part # EM78P341
Description  8-Bit Microprocessor with OTP ROM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P341 Datasheet(HTML) 16 Page - ELAN Microelectronics Corp

Back Button EM78P341 Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 13Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 14Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 15Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 16Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 17Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 18Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 19Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 20Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 102 page
background image
EM78P341N/342N/343N
8-Bit Microprocessor with OTP ROM
10
•
Product Specification (V1.0) 12.01.2006
(This specification is subject to change without further notice)
6.1.4 R3 (Status Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
RST
IOCS
-
T
P
Z
DC
C
Bit 7 (RST): Bit of reset type
Set to “1” if wake-up from sleep on pin change, comparator status
change, or AD conversion completed. Set to “0” if wake-up from other
reset types.
Bit 6 (IOCS): Select the Segment of IO control register
0 = Segment 0 (IOC50 ~ IOCF0) selected
1 = Segment 1 (IOC51 ~ IOCC1) selected
Bit 5:
Not used (reserved)
Bit 4 (T):
Time-out bit. Set to “1” by the "SLEP" and "WDTC" commands or during
power on, and reset to “0” by WDT time-out (see Section 6.5.2, The T
and P Status under Status Register for more details).
Bit 3 (P):
Power-down bit. Set to “1” during power-on or by a "WDTC" command
and reset to “0” by a "SLEP" command (see Section 6.5.2, The T and P
Status under Status Register for more details).
Bit 2 (Z):
Zero flag. Set to "1" if the result of an arithmetic or logic operation is
zero.
Bit 1 (DC):
Auxiliary carry flag
Bit 0 (C):
Carry flag
6.1.5 R4 (RAM Select Register)
Bit 7:
Set to “0” all the time
Bit 6:
Used to select Bank 0 or Bank 1 of register
Bits 5~0:
Used to select a register (address: 00~0F, 10~3F) in the indirect
addressing mode
See the table under Section 6.1.3.1, Data Memory Configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com