Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SS265 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # 1SS265
Description  High-speed switching diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

1SS265 Datasheet(HTML) 1 Page - Leshan Radio Company

  1SS265 Datasheet HTML 1Page - Leshan Radio Company 1SS265 Datasheet HTML 2Page - Leshan Radio Company 1SS265 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TYPE
VRM(V)
VR(V)
IO(mA)
P(mW)
1SS265
35
20
100
300
Symbol
Min.
Typ.
Max.
Unit
VF
——
——
1
V
IR
——
——
0.1
μA
Ct
——
——
1.5
pF
Forward Voltage
at IF = 10 mA
Leakage Current
at VR = 20 V
Capacitance at
VR = 10V
f =1MHZ
High-speed switching diode
. 300mW DO-34
. Glass silicon switching diodes
1.0
10
-1
I
R-VR
Ta=25℃
IF-VF
10
0.1
1
0.3
0.5
10
-2
0
30
1
REVERSE VOLTAGE VR(V)
310
1.2
0.5
FORWARD VOLTAGE VF(V)
0.4
0.6
0.8
1
0.05
LESHAN RADIO COMPANY, LTD.
1/2
Product Characteristic
Absolute Maximum Ratings(Ta=25°C)
Characteristics at Ta = 25°C
Characteristic Curves
1SS265
. We declare that the material of product
compliance with RoHS requirements.


Similar Part No. - 1SS265

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
1SS265 SEMTECH_ELEC-1SS265 Datasheet
116Kb / 1P
HIGH SPEED SWITCHING DIODE
logo
Micro Commercial Compon...
1SS265 MCC-1SS265 Datasheet
456Kb / 2P
150mW 35 Volt Band Switching Diode
logo
SHENZHEN YONGERJIA INDU...
1SS265 WINNERJOIN-1SS265 Datasheet
90Kb / 2P
Band switching diode
1SS265 WINNERJOIN-1SS265_15 Datasheet
90Kb / 2P
Band switching diode
More results

Similar Description - 1SS265

ManufacturerPart #DatasheetDescription
logo
Rohm
1SS400CM ROHM-1SS400CM Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV70HY ROHM-BAV70HY Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV70HYFH ROHM-BAV70HYFH Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV99FM ROHM-BAV99FM Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAW56HYFH ROHM-BAW56HYFH Datasheet
1Mb / 8P
Switching Diode (High speed switching)
DAN202FM ROHM-DAN202FM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAN202FMFH ROHM-DAN202FMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAP202FMFH ROHM-DAP202FMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAP222ZM ROHM-DAP222ZM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com