Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XAX535 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # XAX535
Description  XA Family of Low Phase Noise Quartz-based PLL Oscillators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

XAX535 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button XAX535 Datasheet HTML 5Page - Renesas Technology Corp XAX535 Datasheet HTML 6Page - Renesas Technology Corp XAX535 Datasheet HTML 7Page - Renesas Technology Corp XAX535 Datasheet HTML 8Page - Renesas Technology Corp XAX535 Datasheet HTML 9Page - Renesas Technology Corp XAX535 Datasheet HTML 10Page - Renesas Technology Corp XAX535 Datasheet HTML 11Page - Renesas Technology Corp XAX535 Datasheet HTML 12Page - Renesas Technology Corp XAX535 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
©2023 Renesas Electronics Corporation
August 20, 2023
XA Datasheet
Notes for all AC Electrical Characteristics tables:
1 All jitter values provided at 156.25MHz, unless noted otherwise.
2 Stability is inclusive of 25°C tolerance, operating temperature range, input voltage change, load change, aging, shock and vibration.
JPER
Period Jitter, RMS
LVDS.
—
4
—
ps
LVPECL.
—
5.12
—
LVCMOS.
FOUT = 125MHz.
—
3.3
—
RJ
Random Jitter
LVDS.
—
1.4
—
ps
LVPECL.
—
1.36
—
LVCMOS.
FOUT = 125MHz.
—
1.3
—
DJ
Deterministic Jitter
LVDS.
—
9.2
—
ps
LVPECL.
—
10
—
LVCMOS.
FOUT = 125MHz.
—
6.7
—
TJ
Total Jitter
LVDS.
—
29.2
—
ps
LVPECL.
—
29.3
—
LVCMOS.
FOUT = 125MHz.
—
25.6
—
fJITTER Phase Jitter (12kHz–20MHz)
LVDS.
—
1040
—
fs
LVPECL.
—
1200
—
LVCMOS.
FOUT = 125MHz.
—
850
—
Table 10. 2.5V AC Electrical Characteristics (Cont.)
VDD = 2.5V ±5%, TA = -40°C to +85°C, -40°C to +105°C.
Symbol
Parameter
Test Condition
Minimum
Typical
Maximum Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com