Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCE72010RGCT Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE72010RGCT
Description  Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE72010RGCT Datasheet(HTML) 56 Page - Texas Instruments

Back Button CDCE72010RGCT Datasheet HTML 52Page - Texas Instruments CDCE72010RGCT Datasheet HTML 53Page - Texas Instruments CDCE72010RGCT Datasheet HTML 54Page - Texas Instruments CDCE72010RGCT Datasheet HTML 55Page - Texas Instruments CDCE72010RGCT Datasheet HTML 56Page - Texas Instruments CDCE72010RGCT Datasheet HTML 57Page - Texas Instruments CDCE72010RGCT Datasheet HTML 58Page - Texas Instruments CDCE72010RGCT Datasheet HTML 59Page - Texas Instruments CDCE72010RGCT Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 70 page
background image
DIGITAL LOCK DETECT
Power_Down
Lock_Out
Lock_In
160kW
5pF
PLL_LOCK
Output
V
=0.6V
high
CC
V
=0.4V
low
CC
Lock
t
DigitalLockDetection
Out-of-Lock
V
Out
CDCE72010
SCAS858 – JUNE 2008...................................................................................................................................................................................................... www.ti.com
Table 15. Number of Successive Lock Events Inside the Lock Detect Window
(Register 7 RAM Bits [4:3]) the PLL Lock Signal is Delayed for Number of
FB_CLK Events
NO. OF SUCCESSIVE LOCK
LOCKC1
LOCKC0
EVENTS
0
0
1
0
1
16
1
0
64(1)
1
1
256
(1)
Default
When selecting the digital PLL lock option, PLL_LOCK will possibly jitter several times between lock and out of
lock until a stable lock is detected. A single “low-to-high” step can be reached with a wide lock detect window
and high number of successive clock cycles. PLL_LOCK will return to out of lock if just one cycle is outside the
lock detect window.
Figure 22. Digital Lock
56
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): CDCE72010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com