Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L8229 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L8229
Description  Dual DMOS full bridge stepper/DC motor driver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L8229 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L8229 Datasheet HTML 9Page - STMicroelectronics L8229 Datasheet HTML 10Page - STMicroelectronics L8229 Datasheet HTML 11Page - STMicroelectronics L8229 Datasheet HTML 12Page - STMicroelectronics L8229 Datasheet HTML 13Page - STMicroelectronics L8229 Datasheet HTML 14Page - STMicroelectronics L8229 Datasheet HTML 15Page - STMicroelectronics L8229 Datasheet HTML 16Page - STMicroelectronics L8229 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
L8229
L6219_HI and L6219_8 modes
13/42
4
L6219_HI and L6219_8 modes
When configured in one of these modes the device has a functionality similar to ST L6219
with some improvements. The output stage is made by LDMOS devices instead of the BJT
present in ST L6219. This allows a reduced saturation drop and an higher current handling
with similar power dissipation. Additionally the recirculation diodes are internally available as
a part of the LDMOS structure.
In case of:
a)
Undervoltage detection (UVD) or
b)
Thermal shutdown (TSD),
the outputs will be in Hi-Z mode (all outputs off) respectively until the supplies voltage goes
over the UV threshold plus hysteresis or the themperature decreases below TSD threshold
minus hysteresis.
In case of:
c)
Overcurrent detection (OCD)
the outputs will be in Hi-Z mode (all outputs off) and will remain in this condition until the
device is reset by turning off and on VCC supply voltage.
Common electrical characteristics of both L6219_HI and L6219_8 modes are listed below,
while specific characteristics are listed in their respective functionality descriptions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com