Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH430 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TH430
Description  RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TH430 Datasheet(HTML) 4 Page - STMicroelectronics

  TH430 Datasheet HTML 1Page - STMicroelectronics TH430 Datasheet HTML 2Page - STMicroelectronics TH430 Datasheet HTML 3Page - STMicroelectronics TH430 Datasheet HTML 4Page - STMicroelectronics TH430 Datasheet HTML 5Page - STMicroelectronics TH430 Datasheet HTML 6Page - STMicroelectronics TH430 Datasheet HTML 7Page - STMicroelectronics TH430 Datasheet HTML 8Page - STMicroelectronics TH430 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
POWER GAIN vs POWER OUTPUT PEP
TYPICAL PERFORMANCE (cont’d)
TEST CIRCUIT SSB - CLASS AB - 30 MHz
C1
: Arco 429
C2
: Arco 4615
C3, C6
: Arco 4213
C4, C5,
C7
: Arco 4611
C8
: Arco 427
C9
: 470
µF, 40V
C10, C14 : 100nF, 63V
C11, C13,
C15
: 1nF
C12
: 10nF
C16
: 220
µF, 63V
L1
: 5 Turns, Diameter 10mm, 1.3mm Wire, Length 15mm
L2
: 2 Turns, Diameter 12mm, 2mm Wire, Length 8mm
L3
: 1 Turn, Diameter 12mm, 2mm Wire, Length 5mm
L4
: Hair Pin Copper Foil 20 x 5mm
L5
: 1 Turn, Diameter 12mm, 2mm Wire, Length 8mm
L6
: 5 Turns, Diameter 8mm, 1.3mm Wire, Length 18mm
L7
: 3 Turns, Diameter 8mm, 1.3mm Wire, Length 15mm
R
: 0.25
*
* 4 Resistors 1
0.5W in parallel
SD1728 (TH430)
4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com