Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF600E Datasheet(PDF) 5 Page - rfsolutions.ltd

Part # RF600E
Description  RF / IR Encoder / Decoder Chipset RF Evaluation Boards
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

RF600E Datasheet(HTML) 5 Page - rfsolutions.ltd

  RF600E Datasheet HTML 1Page - rfsolutions.ltd RF600E Datasheet HTML 2Page - rfsolutions.ltd RF600E Datasheet HTML 3Page - rfsolutions.ltd RF600E Datasheet HTML 4Page - rfsolutions.ltd RF600E Datasheet HTML 5Page - rfsolutions.ltd RF600E Datasheet HTML 6Page - rfsolutions.ltd RF600E Datasheet HTML 7Page - rfsolutions.ltd RF600E Datasheet HTML 8Page - rfsolutions.ltd RF600E Datasheet HTML 9Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
RF / IR Encoder / Decoder Chipset
RF600E
RF Evaluation Boards,
RF600D
Serial Data Format
Serial Data is sent as a stream of ASCII characters at 9.6K baud. The character format is 8 data bits
with 1 stop bit, no parity.
A serial data string is output every time a valid transmitter packet is received. Due to the nature of
the KeeLoq packet there will be a min gap between each serial data string of 150mSec.
10 characters are sent with the following format;
Output from SD1 pin
7
6
5
4
3
2
1
A(a)
$ 0D $0A
Line feed (last character)
Carriage return
Transmitter button information
with battery status
Transmitter serial number
10 bytes of data transmitted
The Transmitter Serial Number : is made up of 7 ASCII characters from the following group: 0 1 2
3 4 5 6 7 8 9 A B C D E F. The most significant serial number digit is transmitted first. This provides
a total of 28million possible serial numbers.
The KeeLoq Button Status is transmitted as an ASCII character in the range A to O or if the low battery
bit is asserted (encoder battery is low) then in the range a to o. KeeLoq data bits S0, S1, S2 and S3 then
make up the ASCII byte least significant bits D0, D1, D2 and D3.
If a single encoder button is pressed, say S0, then character A will be sent (or if low battery, a).
If encoder button S1 is pressed then B (or b) will be sent.
If S0 and S1 are both pressed simultaneously then character C (or c) will be sent.
If all KeeLoq encoder buttons are simultaneously pressed then character O (or o) will be sent.
Examination of the ASCII bit patterns shows that this allows single or multiple encoder button presses to
be decoded by the ASCII receiving device.
Examples of Serial Data output:
For a three button keyfob with serial number 2345678, the serial data output when encoder transmission
is decoded would be as follows:
If S1 is pressed: 2345678A (2345678a if the battery voltage in the transmitter is low)
If S2 is pressed: 2345678B (2345678b if the battery voltage in the transmitter is low)
If S1 and S2 are pressed together: 2345678C (2345678c if the battery voltage in the transmitter is low)
If S4 is pressed: 2345678H (2345678h if the battery voltage in the transmitter is low)
DS600-9 Sept ‘04
©2004 Reg. No. 227 4001, ENGLAND
Page 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com