Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFEVAL2-433R2 Datasheet(PDF) 6 Page - rfsolutions.ltd

Part # RFEVAL2-433R2
Description  RF / IR Encoder / Decoder Chipset RF Evaluation Boards
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

RFEVAL2-433R2 Datasheet(HTML) 6 Page - rfsolutions.ltd

Back Button RFEVAL2-433R2 Datasheet HTML 2Page - rfsolutions.ltd RFEVAL2-433R2 Datasheet HTML 3Page - rfsolutions.ltd RFEVAL2-433R2 Datasheet HTML 4Page - rfsolutions.ltd RFEVAL2-433R2 Datasheet HTML 5Page - rfsolutions.ltd RFEVAL2-433R2 Datasheet HTML 6Page - rfsolutions.ltd RFEVAL2-433R2 Datasheet HTML 7Page - rfsolutions.ltd RFEVAL2-433R2 Datasheet HTML 8Page - rfsolutions.ltd RFEVAL2-433R2 Datasheet HTML 9Page - rfsolutions.ltd RFEVAL2-433R2 Datasheet HTML 10Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
RF / IR Encoder / Decoder Chipset
RF600E
RF Evaluation Boards,
RF600D
Pin Descriptions
Pin
Number
Name
Input /
Output?
Description
1
OP3
Out
Data Output 3 (S2)
2
OP4
Out
Data Output 4 (S3)
3
LB
Out
Low Battery, goes Low when Low Battery Valid
4
Vcc
In
Positive supply voltage connection
5
Vss
In
Connect to GND
6
ECS
Out
Connects to EEPROM ‘CS’ pin
7
ECLK
Out
Connects to EEPROM ‘CLK’ pin. Also sets data mark.
8
EDAT
In / Out
Connects to EEPROM ‘Data’ pin
9
IN
In
RF / IR Data input
10
LRN
In
Learn / Erase Switch Input & Status LED Drive
11
SD1
Out
Serial Data output
12
LKIN
In
Option Link Input for Momentary or Latched outputs
13
SLEEP
In
High = Run, Low = Sleep Mode
14
Vcc
In
Positive supply voltage connection
15
Unused
N/A
No Connection
16
Unused
N/A
No Connection
17
OP1
Out
Data Output 1 (S0)
18
OP2
Out
Data Output 2 (S1)
Vcc / Vss
The power supply needs to be a stable regulated voltage with <10mV ripple
OP1-4
Digital Data outputs 1-4. These outputs are asserted LOW when the relevant inputs (S0 – S3) on the
RF600E are asserted. (see latch/unlatch information under ‘LKIN’).
LB
The RF600E automatically measures the battery voltage each time it is operated (see RF600E data). This
information is transmitted to the RF600D and if a low battery condition exists then the low battery output is
taken low. This indication is latched until data from a decoder with a good battery is received at which time
the output indication is cleared. (output goes high).
ECS / ECLK / EDAT
These connections are for interface to the EEPROM, which is used to store the identity of the encoders
taught to the system.
ECLK AM / FM Selection
Note that the ECLK output to the EEPROM is also used for data mark selection. The data mark input sets
the input of the RF600D to be compatible with AM or FM radio modulation.
When the ECS control line is low (i.e. when the EEPROM is not selected) the ECLK line is made an input
and a check is made for the presence of a pull-down or pull-up resistor.
If the data mark selection is pull-down then the RF600D will be set to receive Sync Low AM data.
If the data mark selection is pull-up then the RF600D will be set to receive Sync High FM and IR data.
DS600-9 Sept ‘04
©2004 Reg. No. 227 4001, ENGLAND
Page 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com