Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XPC735 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # XPC735
Description  XP Family of Ultra-low Phase Noise Quartz-based PLL Oscillators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

XPC735 Datasheet(HTML) 1 Page - Renesas Technology Corp

  XPC735 Datasheet HTML 1Page - Renesas Technology Corp XPC735 Datasheet HTML 2Page - Renesas Technology Corp XPC735 Datasheet HTML 3Page - Renesas Technology Corp XPC735 Datasheet HTML 4Page - Renesas Technology Corp XPC735 Datasheet HTML 5Page - Renesas Technology Corp XPC735 Datasheet HTML 6Page - Renesas Technology Corp XPC735 Datasheet HTML 7Page - Renesas Technology Corp XPC735 Datasheet HTML 8Page - Renesas Technology Corp XPC735 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1
©2022 Renesas Electronics Corporation
R31DS0067EU0401 February 10, 2022
Description
The XP devices are ultra-low phase noise quartz-based PLL
oscillators supporting a large range of frequencies and output
interface types. These devices are designed to operate at three
different power supplies and are available in three package sizes
with several pinout configurations, as well as three operational
temperature ranges.
The XP devices can be programmed to generate an output
frequency from 15MHz to 2100MHz with a resolution as low as
1Hz accuracy. The configuration capability of this family of devices
allows for fast delivery times for both sample and large production
orders.
Parts are for one time programming (OTP) at the factory for a
fixed frequency application, or can be field programmable using
I2C, based on system needs (see note 1 under Pin Descriptions).
Features
▪ Output types: LVDS, LVPECL, CML
• Frequency range: 15MHz to 2100MHz
▪ Output type: HCSL
• Frequency range: 15MHz to 725MHz
▪ Supply voltage options: 1.8V, 2.5V, or 3.3V
▪ Phase jitter (12kHz to 20MHz): 120fs typical
▪ Package options:
• 7.0 × 5.0 × 1.7 mm
• 5.0 × 3.2 × 1.17 mm
• 3.2 × 2.5 × 1.07 mm
▪ Operating temperatures and frequency stability:
• -40°C to +85°C, ±25ppm
• -40°C to +105°C, ±50ppm
Pin Assignments
Figure 1. 7.0 × 5.0 mm, 5.0 × 3.2 mm, and 3.2 × 2.5 mm Packages
Table 1. Pin Descriptions
1 Pins 7 and 8 are no connect for non-I2C applications.
See Revision History for more details.
Pin #
Pin Name
Description
1
OE
Output Enable (0 = output disabled, pulled high internally)
2
NC
No connect
3
GND
Connect to ground
4
OUT0
Output
5
OUT0b
Complementary output
6
VDD
Supply voltage
7
SDA 1
Serial data
8
SCL 1
Serial clock
1
2
3
4
5
6
NC
OE
OUT0
OUT0b
VDD
GND
8
SCL
7
SDA
XP
Datasheet
XP Family of Ultra-low Phase Noise
Quartz-based PLL Oscillators


Similar Part No. - XPC735

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
XPC740P MOTOROLA-XPC740P Datasheet
564Kb / 44P
MPC750A RISC Microprocessor Hardware Specifications
logo
NXP Semiconductors
XPC740P NXP-XPC740P Datasheet
717Kb / 44P
MPC750A RISC Microprocessor Hardware Specifications
Rev. 2.3, 9/2001
logo
Freescale Semiconductor...
XPC7445 FREESCALE-XPC7445 Datasheet
336Kb / 12P
RISC Microprocessor Hardware Specifications
XPC7445RX600NC FREESCALE-XPC7445RX600NC Datasheet
336Kb / 12P
RISC Microprocessor Hardware Specifications
XPC7445RX733NC FREESCALE-XPC7445RX733NC Datasheet
336Kb / 12P
RISC Microprocessor Hardware Specifications
More results

Similar Description - XPC735

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FE-103A ETC2-FE-103A Datasheet
339Kb / 2P
LOW PHASE NOISE QUARTZ OSCILLATORS
logo
Crystek Corporation
CCHD-950 CRYSTEKCRYSTAL-CCHD-950 Datasheet
906Kb / 2P
Ultra-Low Phase Noise Oscillators
CVHD-950-54.000 CRYSTEKCRYSTAL-CVHD-950-54.000 Datasheet
385Kb / 3P
CVHD-950 VCXO Ultra-Low Phase Noise Oscillators
CVHD-950-74.1758 CRYSTEKCRYSTAL-CVHD-950-74.1758 Datasheet
385Kb / 3P
CVHD-9501 VCXO Ultra-Low Phase Noise oscillators
logo
Nel Frequency Controls,...
AA-XAEXXX-X NEL-AA-XAEXXX-X Datasheet
150Kb / 4P
of quartz crystal oscillators provide excellent temperature stability with LVDS complementary outputs and very low phase noise
logo
RF Micro Devices
UMX-630-D16-G RFMD-UMX-630-D16-G Datasheet
259Kb / 3P
ULTRA-LOW NOISE COAXIAL RESONATOR OSCILLATORS
logo
Integrated Device Techn...
XA IDT-XA Datasheet
481Kb / 20P
XA Family of Low Phase Noise Quartz-based PLL Oscillators
XL IDT-XL_18 Datasheet
623Kb / 27P
XL Family of Low Phase Noise Quartz-based PLL Oscillators
XU IDT-XU Datasheet
458Kb / 21P
XU Family of Low Phase Noise Quartz-based PLL Oscillators
logo
Crystek Corporation
CVHD-950 CRYSTEKCRYSTAL-CVHD-950 Datasheet
580Kb / 3P
Ultra-Low Phase Noise Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com