Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XLL325 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # XLL325
Description  XL Family of Low Phase Noise Quartz-based PLL Oscillators
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

XLL325 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button XLL325 Datasheet HTML 11Page - Renesas Technology Corp XLL325 Datasheet HTML 12Page - Renesas Technology Corp XLL325 Datasheet HTML 13Page - Renesas Technology Corp XLL325 Datasheet HTML 14Page - Renesas Technology Corp XLL325 Datasheet HTML 15Page - Renesas Technology Corp XLL325 Datasheet HTML 16Page - Renesas Technology Corp XLL325 Datasheet HTML 17Page - Renesas Technology Corp XLL325 Datasheet HTML 18Page - Renesas Technology Corp XLL325 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
15
©2018-2022 Renesas Electronics Corporation
March 2, 2022
XL Datasheet
Package Outline Drawings
The package outline drawings (JS6, JX6, JU6) are appended at the end of this document. The package information is the most current
data available.
Marking Diagrams
JX6 3.2 × 2.5 mm Package Option (example based on XLH320010.000000I)
JS6 5.0 × 3.2 mm Package Option (example based on XLH536210.380000I)
JU6 7.0 × 5.0 mm Package Option (example based on XLH735004.915200X)
▪ Line 1:
• “010” denotes last three digits to the left of the decimal point as shown in the above
example. This number will vary depending upon the frequency value selected in the
orderable part number.
• “YW” denotes the last digit of the year and work week the part was assembled.
▪ Line 1:
• “XL” = family; “H” = output type; “5” = package size; “3” = voltage; “6” = precision
level. This number will vary depending upon the output type, voltage, and precision
values selected in the orderable part number.
▪ Line 2:
• “210” denotes last three digits to the left of the decimal point as shown in the above
example. This number will vary depending upon the frequency value selected in the
orderable part number.
• “YW” denotes the last digit of the year and work week the part was assembled.
▪ Line 1:
• “XL” = family; “H” = output type; “7” = package size; “3” = voltage; “5” = precision
level. This number will vary depending upon the output type, voltage, and precision
values selected in the orderable part number.
▪ Line 2:
• “004” denotes last three digits to the left of the decimal point as shown in the above
example. This number will vary depending upon the frequency value selected in the
orderable part number.
• “YW” denotes the last digit of the year and work week the part was assembled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com