Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCF40107M013TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF40107M013TR
Description  DUAL 2-INPUT NAND BUFFER/DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF40107M013TR Datasheet(HTML) 1 Page - STMicroelectronics

  HCF40107M013TR Datasheet HTML 1Page - STMicroelectronics HCF40107M013TR Datasheet HTML 2Page - STMicroelectronics HCF40107M013TR Datasheet HTML 3Page - STMicroelectronics HCF40107M013TR Datasheet HTML 4Page - STMicroelectronics HCF40107M013TR Datasheet HTML 5Page - STMicroelectronics HCF40107M013TR Datasheet HTML 6Page - STMicroelectronics HCF40107M013TR Datasheet HTML 7Page - STMicroelectronics HCF40107M013TR Datasheet HTML 8Page - STMicroelectronics HCF40107M013TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
October 2002
s
32 TIMES STANDARD B-SERIES OUTPUT
CURRENT DRIVE SINKING CAPABILITY -
136 mA TYP. AT VDD = 10V, VDS = 1V
s
QUIESCENT CURRENT SPECIF. UP TO 20V
s
5V, 10V AND 15V PARAMETRIC RATINGS
s
INPUT LEAKAGE CURRENT
II = 100nA (MAX) AT VDD = 18V TA = 25°C
s
100% TESTED FOR QUIESCENT CURRENT
s
MEETS ALL REQUIREMENTS OF JEDEC
JESD13B "STANDARD SPECIFICATIONS
FOR DESCRIPTION OF B SERIES CMOS
DEVICES"
DESCRIPTION
HCF40107B is a monolithic integrated circuit
fabricated
in
Metal
Oxide
Semiconductor
technology available in DIP and SOP packages.
HCF40107B is a dual 2-input NAND buffer/driver
containing two independent 2-input NAND buffers
with
open-drain
single
n-channel
transistor
outputs.
This
device
features
a
wired-OR
capability and high output sink current capability
(136 mA typ. at VDD = 10V, VDS = 1V).
HCF40107B
DUAL 2-INPUT NAND BUFFER/DRIVER
PIN CONNECTION
ORDER CODES
PACKAGE
TUBE
T & R
DIP
HCF40107BEY
SOP
HCF40107BM1
HCF40107M013TR
DIP
SOP


Similar Part No. - HCF40107M013TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF40107 STMICROELECTRONICS-HCF40107 Datasheet
270Kb / 14P
DUAL 2-INPUT NAND BUFFER/DRIVER
Sep-1988
HCF40107B STMICROELECTRONICS-HCF40107B Datasheet
270Kb / 14P
DUAL 2-INPUT NAND BUFFER/DRIVER
Sep-1988
HCF40107BC1 STMICROELECTRONICS-HCF40107BC1 Datasheet
270Kb / 14P
DUAL 2-INPUT NAND BUFFER/DRIVER
Sep-1988
HCF40107BEY STMICROELECTRONICS-HCF40107BEY Datasheet
270Kb / 14P
DUAL 2-INPUT NAND BUFFER/DRIVER
Sep-1988
HCF40107BM1 STMICROELECTRONICS-HCF40107BM1 Datasheet
270Kb / 14P
DUAL 2-INPUT NAND BUFFER/DRIVER
Sep-1988
More results

Similar Description - HCF40107M013TR

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS26 MOTOROLA-SN54LS26 Datasheet
122Kb / 4P
QUAD 2-INPUT NAND BUFFER
SN54LS37 MOTOROLA-SN54LS37 Datasheet
119Kb / 4P
QUAD 2-INPUT NAND BUFFER
SN54LS38 MOTOROLA-SN54LS38 Datasheet
122Kb / 4P
QUAD 2-INPUT NAND BUFFER
logo
STMicroelectronics
HCC40107B STMICROELECTRONICS-HCC40107B Datasheet
270Kb / 14P
DUAL 2-INPUT NAND BUFFER/DRIVER
Sep-1988
logo
Texas Instruments
CD40107B TI-CD40107B Datasheet
165Kb / 10P
CMOS DUAL 2-INPUT NAND BUFFER/DRIVER
logo
Fairchild Semiconductor
DM74ALS1000A FAIRCHILD-DM74ALS1000A Datasheet
46Kb / 4P
Quadruple 2-Input NAND Buffer
DM74ALS37A FAIRCHILD-DM74ALS37A Datasheet
46Kb / 4P
Quadruple 2-Input NAND Buffer
logo
Intersil Corporation
CD40107BMS INTERSIL-CD40107BMS Datasheet
57Kb / 7P
CMOS Dual 2 Input NAND Buffer/Driver
December 1992
logo
List of Unclassifed Man...
MMC40107 ETC-MMC40107 Datasheet
135Kb / 4P
DUAL 2-INPUT NAND BUFFER/DRIVER
T74LS37 ETC2-T74LS37 Datasheet
169Kb / 3P
quad 2-input nand buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com